Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 21Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 22Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 23Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 24Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 25Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 26Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 27Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 28Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
STPMS2
Theory of operation
Doc ID 16525 Rev 3
25/33
Hard mode
Soft mode
Internal signal
Description
1CFG[12]
MC
LFC of current channel frequency selector:
– MC[2:0]
Frequency
000
CLK/1024
001 (1)
CLK/512
010
CLK/256
011
CLK/128
100
CLK/64
101 (2)
CLK/64
110 (2)
CLK/64
111 (2)
CLK/64
0CFG[13]
0CFG[14]
1
CFG[15]
ECHPHFC
High Frequency Chopper of current modulator enable:
ECHPHFC=0: HFC disabled
ECHPHFC=1: HFC enabled (1)
1CFG[16]
NC
HFC of current channel frequency selector
– NC[2:0]
Frequency
000 (2)
CLK/256
001 (2)
CLK/128
010
CLK/256
011 (1)
CLK/128
100
CLK/64
101
CLK/32
110
CLK/16
111
CLK/8
1CFG[17]
0CFG[18]
1CFG[19]
ECHPLFV
Low Frequency Chopper of voltage modulator enable:
ECHPLFV=0: LFV disabled
ECHPLFV=1: LFV enabled (1)
1CFG[20]
MV
LFC of voltage channel frequency selector:
– MV[2:0]
Frequency
000
CLK/1024
001 (1)
CLK/512
010
CLK/256
011
CLK/128
100
CLK/64
101 (2)
CLK/64
110 (2)
CLK/64
111 (2)
CLK/64
0CFG[21]
0CFG[22]
1
CFG[23]
ECHPHFV
High Frequency Chopper of voltage modulator enable:
ECHPHFC=0: HFV disabled
ECHPHFC=1: HFV enabled (1)
Table 13.
Description of output signals and configuration bits CFG[39:0] (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com