Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 17Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 18Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 19Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 20Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 21Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 22Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 23Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 24Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
STPMS2
Theory of operation
Doc ID 16525 Rev 3
21/33
8.3.1
Decoder for different modes of operation
The decoder defines the operating mode according to the state of the bootstrap MS0, MS1,
MS2 and MS3 pins. Two different operational modes can be defined:
Hard mode: In this case the device configuration is bootstrapped at startup and signals
come from VIN and VIP for voltage channels, and CIP and CIN for current channels or
from internal BIST DAC.
Soft mode: In this mode all possible settings from Hard mode are accessible, as well as
additional settings such as dither and chopper signal frequencies and operation (see
Section 8.5).
8.3.2
Generator for clock frequency
Chopper and BIST frequency generator
The Chopper block generates the chopper frequencies and BIST signals for the voltage and
current channels. The BIST DAC output levels are appropriately adjusted for the current
channel according to the gain selection, while for the voltage channel the max DC voltage is
used.
The levels are 300 mV for the voltage channel and 300 mV / 150 mV / 75 mV / 37.5 mV for
the current channel, in accordance with gain settings 2/4/8/16, respectively, when operating
in Soft mode, while 300 mV / 37.5 mV based on gain settings 2/16 when operating in Hard
mode.
Pseudo random
The Pseudo random block generates pseudo random signals for the voltage and current
channels. These random signals are used to implement a dithering technique to de-
correlate the output of the modulators and avoid accumulation points on the frequency
spectrum.
Synchro
In Synchro block the synchronization of sigma-delta input streams with strobe signals from
analog part and clock signal is performed.
Mux
In the Mux block, which signals are connected to output pins DAT and DATn are selected.
In HardMode, the output signals are selected by input pin MS2.
In SoftMode, the output signals are selected by 8 configuration bits.
8.4
Hard mode
The STPMS2 operates in Hard mode when input pin MS3 is connected to GND or VCC, as
described in Table 11.
In Hard mode, the STPMS2 has four digital input pins (MS0, MS1, MS2 and MS3) to
configure the basic operating parameters:
BIST DAC enable
temperature curve of reference voltage
current and voltage channels settings
output mode settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com