Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 1 Page - STMicroelectronics

  STPMS2L-PUR Datasheet HTML 1Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 2Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 3Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 4Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 5Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 6Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 7Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 8Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
October 2011
Doc ID 16525 Rev 3
1/33
33
STPMS2
Smart sensor II dual-channel 1-bit, 4 MHz,
second-order sigma-delta modulator with embedded PGLNA
Features
VCC supply range 3.2 V - 5.5 V
Two second-order sigma-delta (ΣΔ)
modulators
Programmable chopper-stabilized low noise
and low offset amplifier
Supports 50-60 Hz, EN 50470-1, EN 50470-3,
IEC 62053-21, IEC 62053-22 and IEC 62053-
23 standards specs for class 1, class 0.5 and
class 0.2 AC watt meters
STPM02H: less than 0.5% error over 1:10000
range
STPM02L: less than 0.5% error over 1:5000
range
Precision voltage reference: 1.23 V with
programmable TC (STPMS2L only)
Internal low drop regulator @ 3 V (typ.)
Applications
Power metering
Motor control
Industrial process control
Weight scales
Pressure transducers
Description
The STPMS2, also called “smart sensor” devices,
are ASSPs designed for effective measurement in
power line systems utilizing Rogowski coil, current
transformer, Hall or shunt sensors. These devices
are designed as building blocks for single-phase
or multi-phase energy meters along with the
STPMC1 device, a digital signal processor
designed for energy measurement. This device
can be used in medium and high resolution
measurement applications where single or double
inputs must be monitored at the same time. The
STPMS2 are mixed signal ICs consisting of an
analog and digital section. The analog section
consists of a programmable gain, low noise
choppered amplifier, two second-order
ΔΣ
modulator blocks, a band-gap voltage reference,
a low-drop voltage regulator and DC buffers, while
the digital section consists of a clock generator
and output multiplexer.
QFN16 (4 x 4)
Table 1.
Device summary
Order codes
Package
Packaging
STPMS2H-PUR
QFN16 (4 x 4 mm)
4500 parts per reel
STPMS2L-PUR
QFN16 (4 x 4 mm)
4500 parts per reel
www.st.com


Similar Part No. - STPMS2L-PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMS2L-PUR STMICROELECTRONICS-STPMS2L-PUR Datasheet
1Mb / 36P
Programmable chopper-stabilized low noise and low offset amplifier
09-Mar-2016
More results

Similar Description - STPMS2L-PUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
logo
STMicroelectronics
STPMS1 STMICROELECTRONICS-STPMS1 Datasheet
695Kb / 23P
Dual-channel 1-bit, 2 MHz, 1st order sigma-delta modulator with embedded PGA
07-Oct-2010
logo
Texas Instruments
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
STMicroelectronics
STPMS2H-PUR STMICROELECTRONICS-STPMS2H-PUR Datasheet
2Mb / 33P
Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
11-Oct-2011
logo
Texas Instruments
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com