Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 12Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 13Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 14Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 15Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 16Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 17Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 18Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 19Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Typical performance characteristics
STPMS2
16/33
Doc ID 16525 Rev 3
Figure 13.
Relative gain error of I channel,
gain 16x
Figure 14.
Relative gain error of I channel,
gain 2x
AM09899v1
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
1.1
10
100
1000
10000
100000
1000000
I peak-peak [µV]
Current 32x, Fsig = 55Hz, HP mode 2.455MHz, 3.3V
Current 32x, Fsig = 55Hz, HP mode 2.455MHz, 5.0V
Current 32x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V
Current 32x, Fsig = 55Hz, HP mode 2.047MHz, 5.0V
Current 32x, Fsig = 55Hz, LP mode 1.229MHz, 3.3V
Current 32x, Fsig = 55Hz, LP mode 1.229MHz, 5.0V
Current 32x, Fsig = 55Hz, LP mode 1.048MHz, 3.3V
Current 32x, Fsig = 55Hz, LP mode 1.048MHz, 5.0V
AM09900v1
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
1.1
10
100
1000
10000
100000
1000000
10000000
I peak-peak [µV]
Current 4x, Fsig = 55Hz, HP mode 2.455MHz, 3.3V
Current 4x, Fsig = 55Hz, HP mode 2.455MHz, 5.0V
Current 4x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V
Current 4x, Fsig = 55Hz, HP mode 2.047MHz, 5.0V
Current 4x, Fsig = 55Hz, LP mode 1.229MHz, 3.3V
Current 4x, Fsig = 55Hz, LP mode 1.229MHz, 5.0V
Current 4x, Fsig = 55Hz, LP mode 1.048MHz, 3.3V
Current 4x, Fsig = 55Hz, LP mode 1.048MHz, 5.0V
Figure 15.
Accuracy over dynamic range
AM09906v1
0.097%
0.076%
0.040%
0.035%
-0.008%
0.027%
0.035%
-0.065%
-0.087%
-0.096%
-0.087%
-0.096%
-0.096%
-0.352%
-0.435%
-0.487%
-0.6%
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
0.01%
0.10%
1.00%
10.00%
100.00%
1000.00%
% of FS
Class 0.2 limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com