Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP451 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 3Page - Texas Instruments TMP451 Datasheet HTML 4Page - Texas Instruments TMP451 Datasheet HTML 5Page - Texas Instruments TMP451 Datasheet HTML 6Page - Texas Instruments TMP451 Datasheet HTML 7Page - Texas Instruments TMP451 Datasheet HTML 8Page - Texas Instruments TMP451 Datasheet HTML 9Page - Texas Instruments TMP451 Datasheet HTML 10Page - Texas Instruments TMP451 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
D+
D
SCL
SDA
THERM
GND
V+
ALERT / THERM2
SMBus
Controller
1
2
3
4
5
8
7
6
TMP451
1.7 V to 3.6 V
1.7 V to 3.6 V
Overtemperature Shutdown
RS
(2)
RS
(2)
RS
(2)
RS
(2)
0.1 µF
10 k
(typ)
10 k
(typ)
10 k
(typ)
10 k
(typ)
CDIFF
(3)
CDIFF
(3)
Transistor-connected configuration
(1)
Diode-connected configuration
(1)
Series Resistance
TMP451
www.ti.com
SBOS686 – JUNE 2013
APPLICATION INFORMATION
The TMP451 is a digital temperature sensor that combines a local temperature measurement channel and a
remote-junction temperature measurement channel in a single DFN-8 package. The device is two-wire- and
SMBus-interface compatible, and is specified over a temperature range of –40°C to +125°C. The TMP451 also
contains multiple registers for programming and holding configuration settings, temperature limits, and
temperature measurement results.
The TMP451 requires only a transistor connected between the D+ and D– pins for remote temperature
measurement. Tie the D+ pin to GND if the remote channel is not used and only the local temperature is
measured. The SDA, ALERT, and THERM pins (and SCL, if driven by an open-drain output) require pull-up
resistors as part of the communication bus. A 0.1-µF power-supply decoupling capacitor is recommended for
local bypassing. Figure 11 shows the typical configuration for the TMP451.
(1) Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series resistance
cancellation.
(2) RS (optional) should be < 1 kΩ in most applications. Selection of RS depends on application; see the Filtering section.
(3) CDIFF (optional) should be < 1000 pF in most applications. Selection of CDIFF depends on application; see the Filtering section and
Figure 5, Remote Temperature Error vs Differential Capacitance.
Figure 11. TMP451 Basic Connections
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com