Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP451 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 16Page - Texas Instruments TMP451 Datasheet HTML 17Page - Texas Instruments TMP451 Datasheet HTML 18Page - Texas Instruments TMP451 Datasheet HTML 19Page - Texas Instruments TMP451 Datasheet HTML 20Page - Texas Instruments TMP451 Datasheet HTML 21Page - Texas Instruments TMP451 Datasheet HTML 22Page - Texas Instruments TMP451 Datasheet HTML 23Page - Texas Instruments TMP451 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level1
Level2
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level1
Level2
Impulse Response
Step response
TMP451
SBOS686 – JUNE 2013
www.ti.com
TIMEOUT FUNCTION
The TMP451 resets the serial interface if either SCL or SDA are held low for 25 ms (typical) between a start and
stop condition. If the TMP451 is holding the bus low, the device releases the bus and waits for a start condition.
To avoid activating the timeout function, it is necessary to maintain a communication speed of at least 1 kHz for
the SCL operating frequency.
SHUTDOWN MODE (SD)
The TMP451 shutdown mode enables the user to save maximum power by shutting down all device circuitry
other than the serial interface, reducing current consumption to typically less than 3
μA; see Figure 10, Shutdown
Quiescent Current vs Supply Voltage. Shutdown mode is enabled when SD (bit 6) of configuration register is
high; the device shuts down after the current conversion is finished. When SD is low, the device maintains a
continuous-conversion state.
SENSOR FAULT
The TMP451 can sense a fault at the D+ input resulting from incorrect diode connection. The TMP451 can also
sense an open circuit. Short-circuit conditions return a value of –64°C. The detection circuitry consists of a
voltage comparator that trips when the voltage at D+ exceeds (V+) – 0.3 V (typical). The comparator output is
continuously checked during a conversion. If a fault is detected, then OPEN (bit 2) in the status register is set to
'1'.
When not using the remote sensor with the TMP451, the D+ and D– inputs must be connected together to
prevent meaningless fault warnings.
FILTERING
Remote junction temperature sensors are usually implemented in a noisy environment. Noise is most often
created by fast digital signals, and it can corrupt measurements. The TMP451 has a built-in, 65-kHz filter on the
inputs of D+ and D– to minimize the effects of noise. However, a bypass capacitor placed differentially across the
inputs of the remote temperature sensor is recommended to make the application more robust against unwanted
coupled signals. For this capacitor, choose a value of between 100 pF and 1 nF. Some applications attain better
overall accuracy with additional series resistance; however, this increased accuracy is application-specific. When
series resistance is added, the total value should not be greater than 1 k
Ω. If filtering is required, suggested
component values are 100 pF and 50
Ω on each input; exact values are application-specific.
Additionally, a digital filter is available for the remote temperature measurements to further reduce the effect of
noise. This filter is programmable and has two levels when enabled. Level 1 perfoms a moving average of four
consecutive samples. Level 2 performs a moving average of eight consecutive samples. The value stored in the
remote temperature result register is the output of the digital filter, and the ALERT and THERM limits are
compared to it. This provides additional immunity to noise and spikes on the ALERT and THERM outputs. The
filter responses are shown in Figure 18. The filter can be enabled or disabled by programming the desired levels
in the digital filter register. The digital filter is disabled by default and on POR.
Figure 18. Filter Response to Impulse and Step Inputs
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com