Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP451 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451 Datasheet(HTML) 3 Page - Texas Instruments

  TMP451 Datasheet HTML 1Page - Texas Instruments TMP451 Datasheet HTML 2Page - Texas Instruments TMP451 Datasheet HTML 3Page - Texas Instruments TMP451 Datasheet HTML 4Page - Texas Instruments TMP451 Datasheet HTML 5Page - Texas Instruments TMP451 Datasheet HTML 6Page - Texas Instruments TMP451 Datasheet HTML 7Page - Texas Instruments TMP451 Datasheet HTML 8Page - Texas Instruments TMP451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TMP451
www.ti.com
SBOS686 – JUNE 2013
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +125°C and V+ = 3.3 V, unless otherwise noted.
TMP451
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
TA = 0°C to +70°C
±0.25
±1
°C
TELOCAL
Local temperature sensor
TA = –40°C to +125°C
±1
±2
°C
TA = 0°C to +70°C, TD = –55°C to +150°C
±0.25
±1
°C
TEREMOTE
Remote temperature sensor(1)
TA = –40°C to +100°C, TD = –55°C to +150°C
±1
±2
°C
TA = –40°C to +125°C, TD = –55°C to +150°C
±2
±4
°C
vs Supply (local or remote)
V+ = 1.7 V to 3.6 V
±0.1
±0.25
°C/V
TEMPERATURE MEASUREMENT
Conversion time
One-Shot mode, local and remote total
31
34
ms
Local temperature
12
Bits
sensor
Resolution
Remote
temperature
12
Bits
sensor
High
Series resistance 1 k
Ω max
120
μA
Remote sensor
Medium
45
μA
source currents
Low
7.5
μA
η
Remote transistor ideality factor
TMP451 optimized ideality factor
1.008
SMBus INTERFACE
VIH
High-level input voltage
1.4
V
VIL
Low-level input voltage
0.45
V
Hysteresis
200
mV
SMBus output low sink current
6
mA
VOL
Low-level output voltage
IOUT = 6 mA
0.15
0.4
V
Logic input current
0 V
≤ VIN ≤ 3.6 V
–1
+1
μA
SMBus input capacitance
3
pF
SMBus clock frequency
0.01
2.5
MHz
SMBus timeout
20
25
30
ms
SCL falling edge to SDA valid time
1
μs
DIGITAL OUTPUTS ( THERM, ALERT/THERM2 )
VOL
Low-level output voltage
IOUT = 6 mA
0.15
0.4
V
IOH
High-level output leakage current
VOUT = V+
1
μA
POWER SUPPLY
V+
Specified voltage range
1.7
3.6
V
0.0625 conversions per second
27
40
μA
16 conversions per second
165
250
μA
32 conversions per second
300
450
μA
IQ
Quiescent current
Serial bus inactive, shutdown mode
3
8
μA
Serial bus active, fS = 400 kHz, shutdown mode
90
μA
Serial bus active, fS = 2.5 MHz, shutdown mode
350
μA
POR
Power-on reset threshold
1.2
1.55
V
(1)
Tested with less than 5-
Ω effective series resistance and 100-pF differential input capacitance.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com