Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP451 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 12Page - Texas Instruments TMP451 Datasheet HTML 13Page - Texas Instruments TMP451 Datasheet HTML 14Page - Texas Instruments TMP451 Datasheet HTML 15Page - Texas Instruments TMP451 Datasheet HTML 16Page - Texas Instruments TMP451 Datasheet HTML 17Page - Texas Instruments TMP451 Datasheet HTML 18Page - Texas Instruments TMP451 Datasheet HTML 19Page - Texas Instruments TMP451 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
0
10
20
30
40
50
60
70
80
90
100
THERM2
THERM Limit
THERM2 Limit
THERM
0
10
20
30
40
50
60
70
80
90
100
ALERT
THERM Limit
THERM Limit - Hysteresis
High Temperature Limit
THERM
TMP451
SBOS686 – JUNE 2013
www.ti.com
ALERT and THERM Functions
The operation of the ALERT (pin 6) and THERM (pin 4) interrupts is shown in Figure 13. The operation of the
THERM (pin 4) and THERM2 (pin 6) interrupts is shown in Figure 14.
Figure 13. ALERT and THERM Interrupt Operation
Figure 14. THERM and THERM2 Interrupt Operation
The hysteresis value can be stored in the THERM hysteresis register.
General Call Reset
The TMP451 supports reset using the two-wire General Call address 00h (0000 0000b). The TMP451
acknowledges the General Call address and responds to the second byte. If the second byte is 06h (0000
0110b), the TMP451 execute a software reset. This software reset restores the power-on reset state to all
TMP451 registers, and it aborts any conversion in progress. The TMP451 takes no action in response to other
values in the second byte.
Identification Register
The TMP451 allows for the two-wire bus controller to query the device for manufacturer and device IDs to enable
software identification of the device at the particular two-wire bus address. The manufacturer ID is obtained by
reading from pointer address FEh. The TMP451 reads 55h for the manufacturer code.
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com