Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP451 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451 Datasheet(HTML) 1 Page - Texas Instruments

  TMP451 Datasheet HTML 1Page - Texas Instruments TMP451 Datasheet HTML 2Page - Texas Instruments TMP451 Datasheet HTML 3Page - Texas Instruments TMP451 Datasheet HTML 4Page - Texas Instruments TMP451 Datasheet HTML 5Page - Texas Instruments TMP451 Datasheet HTML 6Page - Texas Instruments TMP451 Datasheet HTML 7Page - Texas Instruments TMP451 Datasheet HTML 8Page - Texas Instruments TMP451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
D+
D
SCL
SDA
THERM
GND
V+
ALERT / THERM2
Processor or
ASIC
SMBus
Controller
1
2
3
4
5
8
7
6
TMP451
1.7 V to 3.6 V
Built-in Thermal
Transistor/Diode
Overtemperature Shutdown
1.7 V to 3.6 V
TMP451
www.ti.com
SBOS686 – JUNE 2013
±1°C Remote and Local Temperature Sensor with
η-Factor and Offset Correction,
Series Resistance Cancellation, and Programmable Digital Filter
Check for Samples: TMP451
1
FEATURES
DESCRIPTION
The TMP451 is a high-accuracy, low-power remote
23
•
±1°C Accuracy for Local and Remote Diode
temperature sensor monitor with a built-in local
Sensors
temperature sensor. The remote temperature sensors
•
0.0625°C Resolution for Local and Remote
are
typically
low-cost
discrete
NPN
or
PNP
Channels
transistors, or substrate thermal transistors or diodes
that
are
integral
parts
of
microprocessors,
•
1.7-V to 3.6-V Supply and Logic Voltage Range
microcontrollers, or FPGAs. The temperature is
•
27-µA Operating Current, 3-µA Shutdown
represented as a 12-bit digital code for both the local
Current
and the remote sensors, giving a resolution of
•
Series Resistance Cancellation
0.0625°C. The temperature accuracy is ±1°C (max) in
the typical operating range for the local and the
•
η-Factor and Offset Correction
remote temperature sensors. The two-wire serial
•
Programmable Digital Filter
interface accepts the SMBus communication protocol.
•
Diode Fault Detection
Advanced
features
such
as
series
resistance
•
Two-Wire and SMBus™ Serial Interface
cancellation, programmable nonideality factor (
η-
•
8-Lead WSON (WDFN) Package
factor),
programmable
offset,
programmable
temperature limits, and a programmable digital filter
APPLICATIONS
are combined to provide a robust thermal monitoring
solution with improved accuracy and noise immunity.
•
Processor/FPGA Temperature Monitoring
The TMP451 is ideal for high-accuracy temperature
•
Smartphones and Tablets
measurements in a variety of consumer, computing,
•
Servers, Desktops, and Notebooks
industrial, automotive, and communications systems.
•
Telecom Equipment and Storage Area
It is specified for operation over a supply voltage
Networks (SAN)
range of 1.7 V to 3.6 V and a temperature range of
–40°C to +125°C.
•
Automotive and Embedded Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP451

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
1Mb / 34P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451 TI1-TMP451 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451 Datasheet
1Mb / 37P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI2-TMP451 Datasheet
758Kb / 42P
TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
REVISED DECEMBER 2014
More results

Similar Description - TMP451

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP442 TI-TMP442_15 Datasheet
1Mb / 29P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI-TMP451-Q1_15 Datasheet
1Mb / 34P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1_V02 Datasheet
1Mb / 37P
TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com