Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP451 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 7Page - Texas Instruments TMP451 Datasheet HTML 8Page - Texas Instruments TMP451 Datasheet HTML 9Page - Texas Instruments TMP451 Datasheet HTML 10Page - Texas Instruments TMP451 Datasheet HTML 11Page - Texas Instruments TMP451 Datasheet HTML 12Page - Texas Instruments TMP451 Datasheet HTML 13Page - Texas Instruments TMP451 Datasheet HTML 14Page - Texas Instruments TMP451 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TMP451
www.ti.com
SBOS686 – JUNE 2013
Table 3. Register Map
POINTER
POINTER
BIT DESCRIPTION
READ
WRITE
(HEX)
(HEX)
POR (HEX)
7
6
5
4
3
2
1
0
REGISTER DESCRIPTION
00
N/A
00
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
Local temperature (high byte)
01
N/A
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Remote temperature (high byte)
02
N/A
N/A
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
status register
ALERT/
03
09
00
MASK1
SD
0
0
RANGE
0
0
configuration register
THERM2
04
0A
08
0
0
0
0
CR3
CR2
CR1
CR0
Conversion rate register
05
0B
55
LTHL11
LTHL10
LTHL9
LTHL8
LTHL7
LTHL6
LTHL5
LTHL4
Local temperature high limit
06
0C
00
LTLL11
LTLL10
LTLL9
LTLL8
LTLL7
LTLL6
LTLL5
LTLL4
Local temperature low limit
Remote temperature high limit (high
07
0D
55
RTHL11
RTHL10
RTHL9
RTHL8
RTHL7
RTHL6
RTHL5
RTHL4
byte)
Remote temperature low limit (high
08
0E
00
RTLL11
RTLL10
RTLL9
RTLL8
RTLL7
RTLL6
RTLL5
RTLL4
byte)
N/A
0F
N/A
X
X
X
X
X
X
X
X
One-shot start
(1)
10
N/A
00
RT3
RT2
RT1
RT0
0
0
0
0
Remote temperature (low byte)
Remote temperature offset (high
11
11
00
RTOS11
RTOS10
RTOS9
RTOS8
RTOS7
RTOS6
RTOS5
RTOS4
byte)
Remote temperature offset (low
12
12
00
RTOS3
RTOS2
RTOS1
RTOS0
0
0
0
0
byte)
Remote temperature high limit (low
13
13
00
RTHL3
RTHL2
RTHL1
RTHL0
0
0
0
0
byte)
Remote temperature low limit (low
14
14
00
RTLL3
RTLL2
RTLL1
RTLL0
0
0
0
0
byte)
15
N/A
00
LT3
LT2
LT1
LT0
0
0
0
0
Local temperature (low byte)
19
19
6C
RTH11
RTH10
RTH9
RTH8
RTH7
RTH6
RTH5
RTH4
Remote temperature THERM limit
20
20
55
LTH11
LTH10
LTH9
LTH8
LTH7
LTH6
LTH5
LTH4
Local temperature THERM limit
21
21
0A
HYS11
HYS10
HYS9
HYS8
HYS7
HYS6
HYS5
HYS4
THERM hysteresis
22
22
01
SMBTO
0
0
0
CONAL2
CONAL1
CONAL0
0
Consecutive ALERT
23
23
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
η-factor correction
24
24
00
0
0
0
0
0
0
DF1
DF0
Digital filter control
FE
N/A
55
0
1
0
1
0
1
0
1
Manufacturer ID
(1)
X = undefined. Writing any value to this register initiates a one-shot start; see the One-Shot Conversion section.
Temperature Registers
The TMP451 has multiple 8-bit registers that hold temperature measurement results. The eight most significant
bits (MSBs) of the local temperature sensor result are stored in register 00h, while the four least significant bits
(LSBs) are stored in register 15h (the four MSBs of register 15h). The eight MSBs of the remote temperature
sensor result are stored in register 01h, and the four LSBs are stored in register 10h (the four MSBs of register
10h). The four LSBs of both the local sensor and the remote sensor indicate the temperature value after the
decimal point (for example, if the temperature result is 10.0625
˚C, the high byte is 0000 1010 and the low byte is
0001 0000). These registers are read-only and are updated by the ADC each time a temperature measurement
is completed.
When the full temperature value is needed, reading the MSB value first causes the LSB value to be locked (the
ADC does not write to it) until it is read. The same thing happens upon reading the LSB value first (the MSB
value is locked until it is read). This mechanism assures that both bytes of the read operation are from the same
ADC conversion. This assurance remains valid only until another register is read. For proper operation, read the
high byte of the temperature result first. Read the low byte register in the next read command; if the LSBs are not
needed, the register may be left unread. The power-on reset value of all temperature registers is 00h.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com