Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP451 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 15Page - Texas Instruments TMP451 Datasheet HTML 16Page - Texas Instruments TMP451 Datasheet HTML 17Page - Texas Instruments TMP451 Datasheet HTML 18Page - Texas Instruments TMP451 Datasheet HTML 19Page - Texas Instruments TMP451 Datasheet HTML 20Page - Texas Instruments TMP451 Datasheet HTML 21Page - Texas Instruments TMP451 Datasheet HTML 22Page - Texas Instruments TMP451 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Frame 1 Two-Wire Slave Address Byte
Frame 2 Pointer Register Byte
1
Start By
Master
ACK By
Device
ACK By
Device
Frame 3 Two-Wire Slave Address Byte
Frame 4 Data Byte 1 Read Register
Start By
Master
ACK By
Device
NACK By
Master
(2)
From
Device
1
9
1
9
1
9
1
9
SDA
SCL
0
0
1
R/W
P7
P6
P5
P4
P3
P2
P1
P0
¼
¼
¼
¼
SDA
(Continued)
SCL
(Continued)
1
0
0
1
1
0
0
(1)
1
0
0
(1)
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1 Two-Wire Slave Address Byte
Frame 2 Pointer Register Byte
1
Start By
Master
ACK By
Device
ACK By
Device
1
9
1
Frame 3 Data Byte 1
ACK By
Device
1
D7
SDA
(Continued)
SCL
(Continued)
D6
D5
D4
D3
D2
D1
D0
9
9
SDA
SCL
0
0
1
1
0
0
(1)
R/W
P7
P6
P5
P4
P3
P2
P1
P0
¼
¼
Stop By
Master
TMP451
www.ti.com
SBOS686 – JUNE 2013
(1) Slave address 1001100 shown.
Figure 16. Two-Wire Timing Diagram for Write Word Format
(1) Slave address 1001100 shown.
(2) Master should leave SDA high to terminate a single-byte read operation.
Figure 17. Two-Wire Timing Diagram for Single-Byte Read Format
HIGH-SPEED MODE
In order for the two-wire bus to operate at frequencies above 400 kHz, the master device must issue a high-
speed mode (Hs-mode) master code (0000 1xxx) as the first byte after a start condition to switch the bus to high-
speed operation. The TMP451 does not acknowledge this byte, but switches the input filters on SDA and SCL
and the output filter on SDA to operate in HS-mode, allowing transfers at up to 2.5 MHz. After the Hs-mode
master code has been issued, the master transmits a two-wire slave address to initiate a data transfer operation.
The bus continues to operate in Hs-mode until a stop condition occurs on the bus. Upon receiving the stop
condition, the TMP451 switches the input and output filters back to fast mode operation.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com