Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP451 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP451 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 9Page - Texas Instruments TMP451 Datasheet HTML 10Page - Texas Instruments TMP451 Datasheet HTML 11Page - Texas Instruments TMP451 Datasheet HTML 12Page - Texas Instruments TMP451 Datasheet HTML 13Page - Texas Instruments TMP451 Datasheet HTML 14Page - Texas Instruments TMP451 Datasheet HTML 15Page - Texas Instruments TMP451 Datasheet HTML 16Page - Texas Instruments TMP451 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TMP451
www.ti.com
SBOS686 – JUNE 2013
Configuration Register
configuration register sets the temperature range, the ALERT/THERM modes, and controls the shutdown mode.
The configuration register is set by writing to pointer address 09h, and read by reading from pointer address 03h.
Table 5 summarizes the bits of configuration register.
Table 5. Configuration Register Bit Descriptions
CONFIGURATION REGISTER (READ = 03h, WRITE = 09h, POR = 00h)
BIT NUMBER
NAME
FUNCTION
POWER-ON RESET VALUE
0 = ALERT Enabled
7
MASK1
0
1 = ALERT Masked
0 = Run
6
SD
0
1 = Shut down
0 = ALERT
5
ALERT/THERM2
0
1 = THERM2
4:3
Reserved
—
0
0 = 0°C to +127°C
2
RANGE
0
1 = –64°C to +191°C
1:0
Reserved
—
0
MASK1 (bit 7) of the configuration register masks the ALERT output. If MASK1 is '0' (default), the ALERT output
is enabled. If MASK1 is set to '1', the ALERT output is disabled. This configuration applies only if the value of
ALERT/THERM2 (bit 5) is '0' (that is, pin 6 is configured as the ALERT output). If pin 6 is configured as the
THERM2 output, the value of the MASK1 bit has no effect.
The shutdown bit (SD, bit 6) enables or disables the temperature-measurement circuitry. If SD = '0' (default), the
TMP451 converts continuously at the rate set in the conversion rate register. When SD is set to '1', the TMP451
stops converting when the current conversion sequence is complete and enters a shutdown mode. When SD is
set to '0' again, the TMP451 resumes continuous conversions. When SD = '1', a single conversion can be started
by writing to the one-shot start register. See the One-Shot Conversion section for more information.
ALERT/THERM2 (bit 5) sets the configuration of pin 6. If the ALERT/THERM2 bit is '0' (default), then pin 6 is
configured as the ALERT output; if it is set to '1', then pin 6 is configured as the THERM2 output.
The temperature range is set by configuring RANGE (bit 2) of the configuration register. Setting this bit low
(default) configures the TMP451 for the standard measurement range (0°C to +127°C); temperature conversions
are stored in the standard binary format. Setting bit 2 high configures the TMP451 for the extended measurement
range (–64°C to +191°C); temperature conversions are stored in the extended binary format (see Table 1).
The remaining bits of the configuration register are reserved and must always be set to '0'. The power-on reset
value for this register is 00h.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com