Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-OF201 Datasheet(PDF) 63 Page - Omron Electronics LLC

Part # 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Datasheet(HTML) 63 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 59Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 60Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 61Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 62Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 63Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 64Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 65Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 66Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 67Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 182 page
background image
50
If the I/O wiring and power cables must be placed in the same duct (for example,
where they are connected to the equipment), shield them from each other using
grounded metal plates. In addition, use shielded cables for the I/O signal lines to
improve noise immunity. Also, connect the shielded cables to the ground ( ) ter-
minal of the PC.
Metal plate (iron)
12
3
200 mm min.
Grounding at resistance
of less than 100
W
1 = I/O wiring
2 = General control wiring
3 = Power cables
3-4
Power Supply Units
Use a commercially available 100 to 120-VAC or 200 to 240-VAC power source
to supply power to the AC Power Supply Unit; a 24-VDC power, for the DC Power
Supply Unit. Expansion I/O Racks and Expansion CPU Racks must also be con-
nected to a power source via a Power Supply Unit. If possible, use independent
power sources for the Racks, input devices, and output devices.
Supply power to the CPU Rack and Expansion CPU Rack from the same power
source. If supplied by separate sources or if power is not supplied to the Expan-
sion CPU Rack, the CPU will not operate. It is also recommended that power to
the Expansion I/O Racks be supplied from the same power source as the CPU
and Expansion CPU Racks. In order to supply power to the Expansion I/O Racks
from separate power sources, turn on the power to the Expansion I/O Racks be-
fore turning on power to the CPU Rack.
Supply power to the various parts of the system (power equipment, controls, PC
system, and DC I/O, etc.) via separate power supplies.
Power Supply Units
Section 3-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com