Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-OF201 Datasheet(PDF) 84 Page - Omron Electronics LLC

Part # 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Datasheet(HTML) 84 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 80Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 81Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 82Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 83Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 84Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 85Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 86Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 87Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 88Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 182 page
background image
!
!
71
Note The maximum life of the battery is 5 years, regardless of whether power is
supplied to the CPU. The memory backup duration when power is not supplied
to the CPU varies with the ambient temperature, and also depends on whether
the Expansion DM Unit is mounted to the CPU (CV1000 only).
Details of the minimum lifetime of the battery are provided in
Appendix B Specifi
-
cations.
4-2
Memory Card Battery
The RAM Memory Card is provided with a backup memory battery.
When the Memory Card is mounted to the CPU and the battery life is close to
expiring, the CPU ALARM indicator will blink, bit A42616 will turn ON, and the
message “BATT LOW” will appear on the Programming Device. When this oc-
curs, replace the battery within one week to avoid loss of data.
The entire replacement must be completed within one minute to ensure that the
data will not be lost.
Caution
Do not short circuit, charge, disassemble, or expose the battery to heat. The bat-
tery fluid is flammable and if mishandled, may cause a fire or explosion. Do not
incinerate the battery after use.
Battery Replacement
Battery case
Slot
Caution
Steps 4 through 7 of the following procedure must be completed within 1 minute.
If the new battery is not inserted within one minute, the contents of memory will
be lost.
1, 2, 3...
1. If the Memory Card (M/C) indicator is not lit, press the Memory Card power
supply switch to turn on power to the Memory Card and leave it on for at least
10 seconds.
2. Press the Memory Card power supply switch to turn off the Memory Card
indicator.
3. Press the Memory Card eject button and remove the Memory Card.
4. Release the battery case by inserting the tip of a pen (or similar object) in the
slot on the side of the Memory Card as shown.
5. Remove the old battery from the case.
6. Install the new battery as shown, with the positive terminal to the top.
Battery
Battery case
7. Insert the battery case back into the Memory Card. Be sure that the case is
installed all the way in.
Memory Card Battery
Section 4-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com