Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-OF201 Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 21Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 22Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 23Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 24Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 25Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 26Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 27Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 28Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 182 page
background image
12
1-8
CPU Comparison
The following table shows differences between the various CV-series CPUs.
CPU
CVM1-
CPU01-EV2
CVM1-
CPU11-EV2
CVM1-
CPU21-EV2
CV500-
CPU01-EV1
CV1000-
CPU01-EV1
CV2000-
CPU01-EV1
P
Ladder diagrams
Supported
Supported
Supported
Supported
Supported
Supported
Program-
ming
SFC
Not supported
Not supported
Not supported
Supported
Supported
Supported
ming
Instructions
284
284
285
169
170
170
Speed
Basic
instructions (ms)
0.15 to 0.45
0.125 to 0.375
0.125 to 0.375
0.15 to 0.45
0.125 to 0.375
0.125 to 0.375
Other
instructions (ms)
0.6 to 9.9
0.5 to 8.25
0.5 to 8.25
0.6 to 9.9
0.5 to 8.25
0.5 to 8.25
Program capacity (see note)
30K words
30K words
62K words
30K words
62K words
62K words
Local I/O capacity
512 pts
1,024 pts
2,048 pts
512 pts
1,024 pts
2,048 pts
Remote
I/O
SYSMAC BUS/2
1,024 pts
2,048 pts
2,048 pts
1,024 pts
2,048 pts
2,048 pts
I/O
capacity
SYSMAC BUS
512 pts
1,024 pts
2,048 pts
512 pts
1,024 pts
1,024 pts
DM Area
8K words
24K words
24K words
8K words
24K words
24K words
Expansion DM Area
Not supported
Not supported
32K words
each for 8
banks
Not supported
32K words
each for 8
banks
32K words
each for 8
banks
Timers
512
1,024
1,024
512
1,024
1,024
Counters
512
1,024
1,024
512
1,024
1,024
SFC steps
None
None
None
512
1,024
1,024
Step Flags
None
None
None
512
1,024
1,024
Transition Flags
None
None
None
512
1,024
1,024
Note The useable program capacity is 28K words or 60K words.
1-9
Improved Specifications
1-9-1 Upgraded Specifications
The following improvements are applicable to all CV500-CPU01-E and
CV1000-CPU01-E CPUs with lot numbers in which the rightmost digit is 3
(
jjj3) or higher.
1, 2, 3...
1. The MLPX(110) (4-TO-16 DECODER) instruction has been improved to
also function as a 8-to-256 decoder and the DMPX(111) (16-TO-4 ENCOD-
ER) instruction has been improved to also function as a 256-to-8 encoder.
To enable this improvement, the digit designator (Di) has been changed as
shown below.
Specifies the first digit to be converted
4-to-16/16-to-4: 0 to 3
8-to-256/256-to-8: 0 or 1
Number of digits to be converted
4-to-16/16-to-4: 0 to 3 (1 to 4 digits)
8-to-256/256-to-8: 0 or 1 (1 or 2 digits)
Process
0: 4-to-16/16-to-4
1: 8-to-256/256-to-8
Digit number:
321
0
0
2. The following operating parameter has been added to the PC Setup.
JMP(004) 0000 Processing
Y: Enable multiple usage (default)
N: Disable multiple usage
Improved Specifications
Section 1-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com