Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-OF201 Datasheet(PDF) 61 Page - Omron Electronics LLC

Part # 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Datasheet(HTML) 61 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 57Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 58Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 59Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 60Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 61Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 62Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 63Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 64Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 65Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 182 page
background image
48
The following figure shows a side view of a mounted CPU and two Expansion I/O
Racks. There should be a distance of 70 to 120 mm between the Racks. The
total length of I/O cables connecting any one series of Expansion I/O Racks
must be 50 m or less.
CPU
Duct
I/O
Approx. 100 mm
Duct
I/O
70 to 120 mm
70 to 120 mm
Do not mount the PC in a control panel in which high-power equipment is in-
stalled and make sure the point of installation is at least 200 mm away from pow-
er lines as shown in the following diagram. Ensure the plate to which the PC is
mounted is grounded.
PC
200 mm min.
200 mm min.
Power lines
Mounting Racks
Section 3-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com