Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-OF201 Datasheet(PDF) 48 Page - Omron Electronics LLC

Part # 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Datasheet(HTML) 48 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 44Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 45Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 46Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 47Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 48Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 49Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 50Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 51Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 52Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 182 page
background image
35
CV500-PS221/CVM1-PA208
POWER Indicator
Lights when power
is supplied.
Terminals for external
connections
START input
RUN output
Connect a 100 to 120-VAC or 200 to
240-VAC power source.
Short the
(LG) terminal to the
(GR)
terminal to improve noise immunity and
prevent electric shock.
AC input
Ground this terminal at a resistance of
less than 100
W to prevent electric shock.
Use an independent ground not shared
with other equipment.
These terminals are short-circuit at
the factory. Remove the sort-circuit
bracket to allow enabling and disab-
ling of the PC with an external signal
(input: 24 VDC,10 mA). Normally,
leave them short-circuited. These ter-
minals are used on CPU Racks only.
These terminals are turned ON during RUN
operation.
Maximum Switching Capacity:
250 VAC: 2 A (resistive load, cos
f = 1)
250 VAC: 0.5 A (inductive load, cos
f = 0.4)
24 VDC: 2 A
NC
NC
CV500-PS211
POWER Indicator
Lights when power
is supplied.
Terminals for external
connections
START input
RUN output
Connect a 24-VDC power source.
Short the
(LG) terminal to the
(GR)
terminal to improve noise immunity and
prevent electric shock.
DC input
Ground this terminal at a resistance of
less than 100
W to prevent electric shock.
Use an independent ground not shared
with other equipment.
These terminals are short-circuited at
the factory. Remove the sort-circuit
bracket to allow enabling and disab-
ling of the PC with an external signal
(input: 24 VDC, 10 mA). Normally,
leave them short-circuited. These ter-
minals are used on CPU Racks only.
These terminals are turned ON during RUN
operation.
Maximum Switching Capacity:
250 VAC: 2 A (resistive load, cos
f = 1)
250 VAC: 0.5 A (inductive load, cos
f = 0.4)
24 VDC: 2 A
Maximum Switching Capacity when Meeting
EC Directives (Low-voltage Directives):
24 VDC: 2 A
NC
NC
Note When complying with EC Directives (low voltage), use rein-
forced insulation or double insulation on the DC power supply.
Rack Components
Section 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com