Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-OF201 Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 35Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 36Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 37Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 38Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 39Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 40Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 41Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 42Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 182 page
background image
26
The SYSMAC BUS/2 Slave Racks use the same Expansion I/O Backplane and
Power Supply Unit as the Expansion I/O Racks, but a Remote I/O Slave Unit is
mounted instead of the I/O Interface Unit and the Slave Rack is connected from
the Remote I/O Slave Unit to a Remote I/O Master Unit on the CPU or Expansion
CPU Rack. Refer to the
SYSMAC BUS/2 Remote I/O System Manual for details.
2-3
Rack Components
This section describes the main components that are used to construct CPU,
Expansion CPU, and Expansion I/O Racks.
2-3-1 CPUs
Six CPU models are available, the CV500-CPU01-EV1, CV1000-CPU01-EV1,
CV2000-CPU01-EV1,
CVM1-CPU01-EV2,
CVM1-CPU11-EV2,
and
CVM1-CPU21-EV2. The following figure shows the CV1000-CPU01-EV1.
Indicators
Expansion Data Memory
Card compartment
(CV1000, CV2000, or
CVM1-CPU21-EV2 only;
optional)
Memory Card (option-
al), DIP switch and
battery compartment
Do not pull out the
memory card while the
Memory Card indicator
is lit.
Protect keyswitch
Used to write-protect PC
setup and user memory.
Peripheral device
connector
Host link connector
Connector XM2A-0901
Cover:
XM2S-0911
(One set included)
RS-422/RS-232C selector
Memory Card indicator
Lit when power is supplied
to the Memory Card.
Note The Memory Unit is built into CVM1/CV-series PCs; it is not necessary for the
user to install one, as is necessary for some C-series PCs.
Protect Keyswitch
The protect keyswitch write-protects the current PC Setup and user program
memory. The user program memory can also be write-protected by the using the
“Protect UM” function from the CVSS. When set to “SYSTEM PROTECT” this
switch will write-protect the entire user program memory even if only part of it is
protected using the “Protect UM” function from the CVSS.
SYSMAC BUS/2 Slave
Racks
Rack Components
Section 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com