Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-OF201 Datasheet(PDF) 69 Page - Omron Electronics LLC

Part # 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Datasheet(HTML) 69 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 65Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 66Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 67Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 68Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 69Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 70Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 71Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 72Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 73Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 182 page
background image
!
!
!
56
Use round crimp terminals for wiring. Do not connect bare stranded wires direct-
ly to terminal blocks. Use M3.5 screws for tightening crimp terminals.
7 mm max.
Caution
Tighten the screws on the terminal block of the AC Power Supply Unit to a torque
of 0.8 N
S m. The loose screws may result in short-circuit, burning, or malfunc-
tion.
M3.5 screw
Tightening torque: 0.8 N
S m
20 mm max.
WARNING Always attach crimp terminals to the wires to ensure proper connection.
Connecting loose wires can cause fires.
Caution
Abide by the following precautions when wiring the Power Supply Units. Failure
to abide by these precautions my cause faulty operation or damage to the Unit.
• Be sure that no wire clippings or other foreign materials enter the Units when
wiring.
• Check and recheck all wiring before supplying power to the system.
Note The RUN output on Slave Racks will go OFF when a remote I/O error occurs.
Power Supply Units
Section 3-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com