Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-OF201 Datasheet(PDF) 41 Page - Omron Electronics LLC

Part # 3G5A2-OF201
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-OF201 Datasheet(HTML) 41 Page - Omron Electronics LLC

Back Button 3G5A2-OF201 Datasheet HTML 37Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 38Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 39Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 40Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 41Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 42Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 43Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 44Page - Omron Electronics LLC 3G5A2-OF201 Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 182 page
background image
28
Pin
Function
3
Set this pin to ON when using the host link interface with a PT using NT Link communications. Set this pin to
OFF when using the host link interface for host link communications.
1 and 2
Pin 1
Pin 2
Baud rate
00
0
1
01
11
50,000 bps
19,200 bps
9,600 bps
4,800 bps
These pins set the baud rate of the peripheral device connector. Set the rate to 50,000 bps when connecting
the interface to the GPC or Programming Console. Set the rate to
9,600 bps when connecting to a personal computer running CVSS.
Memory Cards
Memory Cards can be used to store data or programs as files to expand the
memory storing capacity of the PC. Memory Cards fit into the slot located on the
lower left side of the CPU. Memory Cards are not provided with the PC and must
be ordered separately and installed in the CPU. There are three types of
Memory Cards that can be used for the CV-series PCs: RAM, EEPROM, or
EPROM.
Memory type
Model
Capacity
Remarks
RAM
HMC-ES641
64K bytes
---
HMC-ES151
128K bytes
HMC-ES251
256K bytes
HMC-ES551
512K bytes
EEPROM
HMC-EE641
64K bytes
CV500-MCW
jj Memory Card Writer or Peripheral Device
id
HMC-EE151
128K bytes
jj
y
required
EPROM
HMC-EP551
512K bytes
CV500-MCW
jj Memory Card Writer or Peripheral Device
id
HMC-EP161
1M bytes
jj
y
required
For CPU Units with a lot number that contains the last-digit suffix of “6” (
jjj6)
or higher, the following products are available on the market and can be used as
Memory Cards provided that they be used in the same manner as for the con-
ventional Memory Cards.
• A 64K-byte, 128K-byte, 256K-byte, 512K-byte, 1M-byte, or 2M-byte RAM
that conforms to JEIDA4.0. The 2M-byte RAM is not applicable to the
CV500-MCW01 Memory Card Writer.
Rack Components
Section 2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com