Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470PD Datasheet(PDF) 56 Page - STMicroelectronics

Part # L6470PD
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PD Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L6470PD Datasheet HTML 52Page - STMicroelectronics L6470PD Datasheet HTML 53Page - STMicroelectronics L6470PD Datasheet HTML 54Page - STMicroelectronics L6470PD Datasheet HTML 55Page - STMicroelectronics L6470PD Datasheet HTML 56Page - STMicroelectronics L6470PD Datasheet HTML 57Page - STMicroelectronics L6470PD Datasheet HTML 58Page - STMicroelectronics L6470PD Datasheet HTML 59Page - STMicroelectronics L6470PD Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
Programming manual
L6470
56/70
Doc ID16737 Rev 5
9.2.1
Command management
The host microcontroller can control motor motion and configure the L6470 through a
complete set of commands.
All commands are composed by a single byte. After the command byte, some bytes of
arguments should be needed (see Figure 20). Argument length can vary from 1 to 3 bytes.
Figure 20.
Command with 3-byte argument
By default, the device returns an all zero response for any received byte, the only exceptions
are the GetParam and GetStatus commands. When one of these commands is received,
the following response bytes represent the related register value (see Figure 21). Response
length can vary from 1 to 3 bytes.
Figure 21.
Command with 3-byte response
During response transmission, new commands can be sent. If a command requiring a
response is sent before the previous response is completed, the response transmission is
aborted and the new response is loaded into the output communication buffer (see
Figure 22).
HardStop
101
1
1
00
0
Stops motor immediately
SoftHiZ
101
0
0
00
0
Puts the bridges into high impedance status after a
deceleration phase
HardHiZ
101
0
1
00
0
Puts the bridges into high impedance status immediately
GetStatus
110
1
0
00
0
Returns the STATUS register value
RESERVED
111
0
1
01
1
RESERVED COMMAND
RESERVED
111
1
1
00
0
RESERVED COMMAND
Table 37.
Application commands (continued)
Command mnemonic
Command binary code
Action
[7..5] [4]
[3]
[2..1]
[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com