Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470PD Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6470PD
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PD Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6470PD Datasheet HTML 40Page - STMicroelectronics L6470PD Datasheet HTML 41Page - STMicroelectronics L6470PD Datasheet HTML 42Page - STMicroelectronics L6470PD Datasheet HTML 43Page - STMicroelectronics L6470PD Datasheet HTML 44Page - STMicroelectronics L6470PD Datasheet HTML 45Page - STMicroelectronics L6470PD Datasheet HTML 46Page - STMicroelectronics L6470PD Datasheet HTML 47Page - STMicroelectronics L6470PD Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
Programming manual
L6470
44/70
Doc ID16737 Rev 5
expressed in step/tick (format unsigned fixed point 0.18) and to convert it in step/s, the
following formula can be used.
Equation 9
If the FS_SPD value is set to h3FF (max.) the system always works in microstepping mode
(SPEED must go beyond the threshold to switch to Full-step mode). Setting FS_SPD to zero
does not have the same effect as setting Step mode to full-step two-phase on: the zero
FS_SPD value is equivalent to a speed threshold of about 7.63 step/s.
The available range is from 7.63 to 15625 step/s with a resolution of 15.25 step/s.
9.1.10
KVAL_HOLD, KVAL_RUN, KVAL_ACC and KVAL_DEC
The KVAL_HOLD register contains the KVAL value that is assigned to the PWM modulators
when the motor is stopped (compensation excluded).
The KVAL_RUN register contains the KVAL value that is assigned to the PWM modulators
when the motor is running at constant speed (compensation excluded).
The KVAL_ACC register contains the starting KVAL value that can be assigned to the PWM
modulators during acceleration (compensation excluded).
The KVAL_DEC register contains the starting KVAL value that can be assigned to the PWM
modulators during deceleration (compensation excluded).
The available range is from 0 to 0.996 x VS with a resolution of 0.004 x VS, as shown in
Table 12.
9.1.11
INT_SPEED
The INT_SPEED register contains the speed value at which the BEMF compensation curve
changes slope (see Section 7.4). Its value is expressed in step/tick and to convert it in
step/s, the following formula can be used:
Equation 10
where INT_SPEED is the integer number stored in the register and tick is 250 ns.
step/s
[]
FS_SPD
0.5
+
() 2
18
tick
--------------------------------------------------------------
=
Table 12.
Voltage amplitude regulation registers
KVAL_X [7..0]
Output voltage
00000
000
0
00000
001
VS x (1/256)
11111
110
VS x (254/256)
11111
111
VS x (255/256)
step
s
[]
INT SPEED
2
26
tick
------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com