Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470PD Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6470PD
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PD Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6470PD Datasheet HTML 39Page - STMicroelectronics L6470PD Datasheet HTML 40Page - STMicroelectronics L6470PD Datasheet HTML 41Page - STMicroelectronics L6470PD Datasheet HTML 42Page - STMicroelectronics L6470PD Datasheet HTML 43Page - STMicroelectronics L6470PD Datasheet HTML 44Page - STMicroelectronics L6470PD Datasheet HTML 45Page - STMicroelectronics L6470PD Datasheet HTML 46Page - STMicroelectronics L6470PD Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
L6470
Programming manual
Doc ID16737 Rev 5
43/70
where DEC is the integer number stored in the register and tick is 250 ns.
The available range is from 14.55 to 59590 step/s2 with a resolution of 14.55 step/s2.
When the device is working in infinite acceleration mode, this value is ignored.
Any attempt to write the register when the motor is running causes the command to be
ignored and the NOTPERF_CMD flag to rise (see Section 9.1.22).
9.1.7
MAX_SPEED
The MAX_SPEED register contains the speed profile maximum speed expressed in
step/tick (format unsigned fixed point 0.18).
In order to convert it in step/s, the following formula can be used:
Equation 7
where MAX_SPEED is the integer number stored in the register and tick is 250 ns.
The available range is from 15.25 to 15610 step/s with a resolution of 15.25 step/s.
9.1.8
MIN_SPEED
The MIN_SPEED register contains the following parameters:
The MIN_SPEED parameter contains the speed profile minimum speed. Its value is
expressed in step/tick and to convert it in step/s, the following formula can be used:
Equation 8
where MIN_SPEED is the integer number stored in the register and tick is the ramp 250 ns.
The available range is from 0 to 976.3 step/s with a resolution of 0.238 step/s.
When the LSPD_OPT bit is set high, the low speed optimization feature is enabled and the
MIN_SPEED value indicates the speed threshold below which the compensation works. In
this case the minimum speed of the speed profile is set to zero.
An attempt to write the register when the motor is running causes the NOTPERF_CMD flag
to rise.
9.1.9
FS_SPD
The FS_SPD register contains the threshold speed. When the actual speed exceeds this
value, the step mode is automatically switched to full-step two-phase on. Its value is
step/s
[]
MAX_SPEED
2
18
–
⋅
tick
--------------------------------------------------------
=
Table 11.
MIN_SPEED register
Bit 12
Bit 11
Bit 10
Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
LSPD_OPT
MIN_SPEED
step/s
[]
MIN_SPEED
2
24
–
⋅
tick
------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com