Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470PD Datasheet(PDF) 49 Page - STMicroelectronics

Part # L6470PD
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PD Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L6470PD Datasheet HTML 45Page - STMicroelectronics L6470PD Datasheet HTML 46Page - STMicroelectronics L6470PD Datasheet HTML 47Page - STMicroelectronics L6470PD Datasheet HTML 48Page - STMicroelectronics L6470PD Datasheet HTML 49Page - STMicroelectronics L6470PD Datasheet HTML 50Page - STMicroelectronics L6470PD Datasheet HTML 51Page - STMicroelectronics L6470PD Datasheet HTML 52Page - STMicroelectronics L6470PD Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
L6470
Programming manual
Doc ID16737 Rev 5
49/70
9.1.21
CONFIG
The CONFIG register has the following structure:
The OSC_SEL and EXT_CLK bits set the system clock source:
Table 21.
ALARM_EN register
ALARM_EN bit
Alarm condition
0 (LSB)
Overcurrent
1
Thermal shutdown
2
Thermal warning
3
Undervoltage
4
Stall detection (Bridge A)
5
Stall detection (Bridge B)
6
Switch turn-on event
7 (MSB)
Wrong or non-performable command
Table 22.
CONFIG register
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
F_PWM_INT
F_PWM_DEC
POW_SR
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OC_SD
RESERVED EN_VSCOMP SW_MODE EXT_CLK
OSC_SEL
Table 23.
Oscillator management
EXT_C
LK
OSC_SEL[2..0]
Clock source
OSCIN
OSCOUT
0000
Internal oscillator: 16 MHz
Unused
Unused
0001
0010
0011
1000
Internal oscillator: 16 MHz
Unused
Supplies a 2-MHz
clock
1001
Internal oscillator: 16 MHz
Unused
Supplies a 4-MHz
clock
1010
Internal oscillator: 16 MHz
Unused
Supplies an 8-MHz
clock
1011
Internal oscillator: 16 MHz
Unused
Supplies a 16-MHz
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com