Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470PD Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6470PD
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6470PD Datasheet HTML 10Page - STMicroelectronics L6470PD Datasheet HTML 11Page - STMicroelectronics L6470PD Datasheet HTML 12Page - STMicroelectronics L6470PD Datasheet HTML 13Page - STMicroelectronics L6470PD Datasheet HTML 14Page - STMicroelectronics L6470PD Datasheet HTML 15Page - STMicroelectronics L6470PD Datasheet HTML 16Page - STMicroelectronics L6470PD Datasheet HTML 17Page - STMicroelectronics L6470PD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
Electrical characteristics
L6470
14/70
Doc ID16737 Rev 5
tholCS
Chip select hold time (7)
10
ns
tdisCS
Deselect time (7)
800
ns
tsetSDI
Data input setup time (7)
25
ns
tholSDI
Data input hold time (7)
20
ns
tenSDO
Data output enable time (7)
38
ns
tdisSDO
Data output disable time (7)
47
ns
tvSDO
Data output valid time (7)
57
ns
tholSDO
Data output hold time (7)
37
ns
Switch input (SW)
RPUSW
SW input pull-up resistance
SW = GND
60
85
110
k
Ω
PWM modulators
fPWM
Programmable PWM frequency (1)
fosc = 16 MHz
2.8
62.5
kHz
fosc = 32 MHz
5.6
125
NPWM
PWM resolution
8
bit
Stall detection
ISTALL,MAX
Maximum programmable stall threshold
STALL_TH = '1111111'
4
A
ISTALL,MIN
Minimum programmable stall threshold
STALL_TH = '0000000'
31.2
5
mA
ISTALL,RES
Programmable stall threshold resolution
31.2
5
mA
Overcurrent protection
IOCD,MAX
Maximum programmable overcurrent
detection threshold
OCD_TH = '1111'
6
A
IOCD,MIN
Minimum programmable overcurrent
detection threshold
OCD_TH = '0000'
0.37
5
A
IOCD,RES
Programmable overcurrent detection
threshold resolution
0.37
5
A
tOCD,Flag
OCD to flag signal delay time
dIout/dt = 350 A/µs
650
1000
ns
tOCD,SD
OCD to shutdown delay time
dIout/dt = 350 A/µs
POW_SR = '10'
600
ns
Standby
IqSTBY
Quiescent motor supply current in standby
conditions
VS = 8 V
26
34
µA
VS = 36 V
30
36
tSTBY,min
Minimum standby time
10
μs
tlogicwu
Logic power-on and wake-up time
38
45
µs
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min. Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com