Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470PD Datasheet(PDF) 48 Page - STMicroelectronics

Part # L6470PD
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PD Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L6470PD Datasheet HTML 44Page - STMicroelectronics L6470PD Datasheet HTML 45Page - STMicroelectronics L6470PD Datasheet HTML 46Page - STMicroelectronics L6470PD Datasheet HTML 47Page - STMicroelectronics L6470PD Datasheet HTML 48Page - STMicroelectronics L6470PD Datasheet HTML 49Page - STMicroelectronics L6470PD Datasheet HTML 50Page - STMicroelectronics L6470PD Datasheet HTML 51Page - STMicroelectronics L6470PD Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
Programming manual
L6470
48/70
Doc ID16737 Rev 5
When the SYNC_EN bit is set low, BUSY/SYNC output is forced low during command
execution, otherwise, when the SYNC_EN bit is set high, BUSY/SYNC output provides a
clock signal according to the SYNC_SEL parameter.
The synchronization signal is obtained starting from electrical position information (EL_POS
register) according to Table 10:
9.1.20
ALARM_EN
The ALARM_EN register allows the selection of which alarm signals are used to generate
the FLAG output. If the respective bit of the ALARM_EN register is set high, the alarm
condition forces the FLAG pin output down.
Table 19.
SYNC output frequency
STEP_SEL (fFS is the full-step frequency)
000
001
010
011
100
101
110
111
000
fFS /2
fFS /2
fFS /2
fFS /2
fFS /2
fFS /2
fFS /2
fFS /2
001
NA
fFS
fFS
fFS
fFS
fFS
fFS
fFS
010
NA
NA
2· fFS
2· fFS
2· fFS
2· fFS
2· fFS
2· fFS
011
NA
NA
NA
4· fFS
4· fFS
4· fFS
4· fFS
4· fFS
100
NA
NA
NA
NA
8· fFS
8· fFS
8· fFS
8· fFS
101
NA
NA
NA
NA
NA
16· fFS
16· fFS
16· fFS
110
NA
NA
NA
NA
NA
NA
32· fFS
32· fFS
111
NA
NA
NA
NA
NA
NA
NA
64· fFS
Table 20.
SYNC signal source
SYNC_SEL[2..0]
Source
0
0
0
EL_POS[7]
0
0
1
EL_POS[6]
0
1
0
EL_POS[5]
0
1
1
EL_POS[4]
1
0
0
EL_POS[3]
1
0
1
EL_POS[2]
1
1
0
EL_POS[1]
1
1
1
EL_POS[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com