Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470PD Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6470PD
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PD Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6470PD Datasheet HTML 24Page - STMicroelectronics L6470PD Datasheet HTML 25Page - STMicroelectronics L6470PD Datasheet HTML 26Page - STMicroelectronics L6470PD Datasheet HTML 27Page - STMicroelectronics L6470PD Datasheet HTML 28Page - STMicroelectronics L6470PD Datasheet HTML 29Page - STMicroelectronics L6470PD Datasheet HTML 30Page - STMicroelectronics L6470PD Datasheet HTML 31Page - STMicroelectronics L6470PD Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
Functional description
L6470
28/70
Doc ID16737 Rev 5
must be placed as close as possible to the pins. Refer to Table 8 for the choice of load
capacitor values according to the external oscillator frequency.
If a direct clock source is used, it must be connected to the OSCIN pin and the OSCOUT pin
supplies the inverted OSCIN signal (see Figure 12).
Figure 12.
OSCIN and OSCOUT pin configuration
Note:
When OSCIN is UNUSED, it should be left floating.
When OSCOUT is UNUSED, it should be left floating.
6.9
Overcurrent detection
When the current in any of the Power MOSFETs exceeds a programmed overcurrent
threshold, the STATUS register OCD flag is forced low until the overcurrent event has
Table 8.
CL values according to external oscillator frequency
Crystal/resonator freq. (1)
1.
First harmonic resonance frequency.
CL
(2)
2.
Lower ESR value allows the driving of greater load capacitors.
8 MHz
25 pF (ESRmax = 80 Ω)
16 MHz
18 pF (ESRmax = 50 Ω)
24 MHz
15 pF (ESRmax = 40 Ω)
32 MHz
10 pF (ESRmax = 40 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com