Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6470PD Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6470PD
Description  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6470PD Datasheet HTML 9Page - STMicroelectronics L6470PD Datasheet HTML 10Page - STMicroelectronics L6470PD Datasheet HTML 11Page - STMicroelectronics L6470PD Datasheet HTML 12Page - STMicroelectronics L6470PD Datasheet HTML 13Page - STMicroelectronics L6470PD Datasheet HTML 14Page - STMicroelectronics L6470PD Datasheet HTML 15Page - STMicroelectronics L6470PD Datasheet HTML 16Page - STMicroelectronics L6470PD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
L6470
Electrical characteristics
Doc ID16737 Rev 5
13/70
Logic inputs and outputs
VIL
Low logic level input voltage
0.8
V
VIH
High logic level input voltage
2
V
IIH
High logic level input current (4)
VIN = 5 V
1
µA
IIL
Low logic level input current (5)
VIN = 0 V
-1
µA
VOL
Low logic level output voltage (6)
VDD = 3.3 V, IOL = 4 mA
0.3
V
VDD = 5 V, IOL = 4 mA
0.3
VOH
High logic level output voltage
VDD = 3.3 V, IOH = 4 mA
2.4
V
VDD = 5 V,
IOH = 4 mA
4.7
RPU
RPD
CS pull-up and STBY pull-down resistors
CS = GND;
STBY/RST = 5 V
335
430
565
k
Ω
Ilogic
Internal logic supply current
3.3 V VREG externally
supplied, internal oscillator
3.7
4.3
mA
Ilogic,STBY
Standby mode internal logic supply current
3.3 V VREG externally
supplied
22.5
µA
fSTCK
Step-clock input frequency
2
MHz
Internal oscillator and external oscillator driver
fosc,i
Internal oscillator frequency
Tj = 25 °C,
VREG = 3.3 V
-3%
16
+3% MHz
fosc,e
Programmable external oscillator frequency
8
32
MHz
VOSCOUTH OSCOUT clock source high level voltage
Internal oscillator 3.3 V
VREG externally supplied;
IOSCOUT = 4 mA
2.4
V
VOSCOUTL OSCOUT clock source low level voltage
Internal oscillator 3.3 V
VREG externally supplied;
IOSCOUT = 4 mA
0.3
V
trOSCOUT
tfOSCOUT
OSCOUT clock source rise and fall time
Internal oscillator
20
ns
textosc
Internal to external oscillator switching delay
3
ms
tintosc
External to internal oscillator switching delay
1.5
µs
SPI
fCK,MAX
Maximum SPI clock frequency (7)
5MHz
trCK
tfCK
SPI clock rise and fall time (7)
CL = 30 pF
25
ns
thCK
tlCK
SPI clock high and low time (7)
75
ns
tsetCS
Chip select setup time (7)
350
ns
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min. Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com