Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3U6C Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM8S003K3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM8S003K3U6C Datasheet HTML 52Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 53Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 54Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 55Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 56Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 57Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 58Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 59Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
Unit
Max at 85
°C
(1)
Typ
Conditions
Parameter
Symbol
17
4.5
Flash in power-down mode, HSI
clock after wakeup
(1) Data based on characterization results, not tested in production
Low power mode wakeup times
9.3.2.5
Table 28: Wakeup times
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
μs
See
note
(2)
0 to 16 MHz
Wakeup time from
wait mode to run
tWU(WFI)
0.56
fCPU = fMASTER = 16 MHz
mode
(3)
2
(6)
1
(6)
HSI
(after
Flash in operating
mode
(5)
MVR voltage
regulator
on
(4)
Wakeup time active
halt mode to run
mode
(3)
tWU(AH)
wakeup)
3
(6)
HSI
(after
Flash in
power-down
MVR voltage
regulator
Wakeup time active
halt mode to run
wakeup)
mode
(5)
on
(4)
mode
(3)
48
(6)
HSI
(after
Flash in operating
mode
(5)
MVR voltage
regulator
off
(4)
Wakeup time active
halt mode to run
mode
(3)
wakeup)
50
(6)
HSI
(after
Flash in
power-down
MVR voltage
regulator
Wakeup time active
halt mode to run
wakeup)
mode
(5)
off
(4)
mode
(3)
52
Flash in operating mode
(5)
Wakeup time from
halt mode to run
tWU(H)
54
Flash in power-down mode
(5)
mode
(3)
(1) Data guaranteed by design, not tested in production.
(2) t
WU(WFI) = 2 x 1/fmaster + x 1/fCPU.
DocID018576 Rev 3
56/100
STM8S003K3 STM8S003F3
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com