Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3U6C Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM8S003K3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM8S003K3U6C Datasheet HTML 33Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 34Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 35Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 36Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 37Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 38Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 39Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 40Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
Reset status
Register name
Register label
Block
Address
0x00
Y index register high
YH
0x00 7F06
0x00
Y index register low
YL
0x00 7F07
0x03
Stack pointer high
SPH
0x00 7F08
0xFF
Stack pointer low
SPL
0x00 7F09
0x28
Condition code register
CCR
0x00 7F0A
Reserved area (85 bytes)
0x00 7F0B to
0x00 7F5F
0x00
Global configuration register
CFG_GCR
CPU
0x00 7F60
0xFF
Interrupt software priority register 1
ITC_SPR1
ITC
0x00 7F70
0xFF
Interrupt software priority register 2
ITC_SPR2
0x00 7F71
0xFF
Interrupt software priority register 3
ITC_SPR3
0x00 7F72
0xFF
Interrupt software priority register 4
ITC_SPR4
0x00 7F73
0xFF
Interrupt software priority register 5
ITC_SPR5
0x00 7F74
0xFF
Interrupt software priority register 6
ITC_SPR6
0x00 7F75
0xFF
Interrupt software priority register 7
ITC_SPR7
0x00 7F76
0xFF
Interrupt software priority register 8
ITC_SPR8
0x00 7F77
Reserved area (2 bytes)
0x00 7F78 to
0x00 7F79
0x00
SWIM control status register
SWIM_CSR
SWIM
0x00 7F80
Reserved area (15 bytes)
0x00 7F81 to
0x00 7F8F
0xFF
DM breakpoint 1 register extended
byte
DM_BK1RE
DM
0x00 7F90
0xFF
DM breakpoint 1 register high byte
DM_BK1RH
0x00 7F91
0xFF
DM breakpoint 1 register low byte
DM_BK1RL
0x00 7F92
0xFF
DM breakpoint 2 register extended
byte
DM_BK2RE
0x00 7F93
0xFF
DM breakpoint 2 register high byte
DM_BK2RH
0x00 7F94
0xFF
DM breakpoint 2 register low byte
DM_BK2RL
0x00 7F95
0x00
DM debug module control register 1
DM_CR1
0x00 7F96
0x00
DM debug module control register 2
DM_CR2
0x00 7F97
37/100
DocID018576 Rev 3
Memory and register map
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com