Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3U6C Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM8S003K3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM8S003K3U6C Datasheet HTML 16Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 17Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 18Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 19Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 20Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 21Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 22Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 23Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
Alternate
function
after remap
[option bit]
Default
alternate
function
Main
function
(after reset)
Output
Input
Type
Pin
name
Pin
no.
PP
OD
Speed
High
sink
(1)
Ext.
interrupt
wpu
floating
Analog input 1/
Timer 1 -
Port B1
X
X
O3
HS
X
X
X
I/O
PB1/AIN1/
TIM1_CH2N
15
inverted
channel 2
Analog input 0/
Timer 1 -
Port B0
X
X
O3
HS
X
X
X
I/O
PB0/AIN0/
TIM1_CH1N
16
inverted
channel 1
SPI
master/slave
select
Port E5
X
X
O3
HS
X
X
X
I/O
PE5/
SPI_NSS
17
Timer 1 -
channel 1
UART1 clock
Port C1
X
X
O3
HS
X
X
X
I/O
PC1/
TIM1_CH1/
UART1_CK
18
Timer 1 -
channel 2
Port C2
X
X
O3
HS
X
X
X
I/O
PC2/
TIM1_CH2
19
Timer 1 -
channel 3
Port C3
X
X
O3
HS
X
X
X
I/O
PC3/
TIM1_CH3
20
Timer 1 -
channel 4
Port C4
X
X
O3
HS
X
X
X
I/O
PC4/
TIM1_CH4/
CLK_CCO
21
/configurable
clock output
SPI clock
Port C5
X
X
O3
HS
X
X
X
I/O
PC5/ SPI_SCK
22
SPI master
out/slave in
Port C6
X
X
O3
HS
X
X
X
I/O
PC6/ PI_MOSI
23
SPI master in/
slave out
Port C7
X
X
O3
HS
X
X
X
I/O
PC7/ PI_MISO
24
Configurable
clock output
[AFR5]
Timer 1 - break
input
Port D0
X
X
O3
HS
X
X
X
I/O
PD0/
TIM1_BKIN
[CLK_CCO]
25
SWIM data
interface
Port D1
X
X
O4
HS
X
X
X
I/O
PD1/ SWIM
(4)
26
Timer 2 -
channel
3[AFR1]
Port D2
X
X
O3
HS
X
X
X
I/O
PD2
[TIM2_CH3]
27
DocID018576 Rev 3
20/100
STM8S003K3 STM8S003F3
Pinout and pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com