Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3U6C Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM8S003K3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM8S003K3U6C Datasheet HTML 79Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 80Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 81Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 82Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 83Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 84Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 85Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 86Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
3
1.5
fADC = 4 MHz
3
1.8
fADC = 6 MHz
3
1.5
fADC = 2 MHz
Gain error
(2)
|EG|
3
2.1
fADC = 4 MHz
4
2.2
fADC = 6 MHz
1.5
0.7
fADC = 2 MHz
Differential linearity error
(2)
|ED|
1.5
0.7
fADC = 4 MHz
1.5
0.7
fADC = 6 MHz
1.5
0.6
fADC = 2 MHz
Integral linearity error
(2)
|EL|
2
0.8
fADC = 4 MHz
2
0.8
fADC = 6 MHz
(1) Data based on characterization results, not tested in production.
(2) ADC accuracy vs. negative injection current: Injecting negative current on any of the
analog input pins should be avoided as this significantly reduces the accuracy of the
conversion being performed on another analog input. It is recommended to add a Schottky
diode (pin to ground) to standard analog pins which may potentially inject negative current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in the I/O
port pin characteristics section does not affect the ADC accuracy.
Table 46: ADC accuracy with RAIN < 10 kΩ RAIN, VDD = 3.3 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
LSB
3.5
1.6
fADC = 2 MHz
Total unadjusted error
(2)
|ET|
4
1.9
fADC = 4 MHz
2.5
1
fADC = 2 MHz
Offset error
(2)
|EO|
83/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com