Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3U6C Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8S003K3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8S003K3U6C Datasheet HTML 20Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 21Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 22Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 23Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 24Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 25Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 26Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 27Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
Alternate
function after
remap [option
bit]
Default
alternate
function
Main
function
(after
reset)
Output
Input
Type
Pin name
Pin no.
PP
OD
Speed
High
sink
(1)
Ext.
interr.
wpu
floating
UFQFPN20
TSSOP20
Timer 1 -
channel 1
[AFR0]
SPI master
out/slave in
Port
C6
X
X
O3
HS
X
X
X
I/O
PC6/
SPI_MOSI
[TIM1_ CH1]
13
16
Timer 1 -
channel 2
[AFR0]
SPI master
in/ slave
out
Port
C7
X
X
O3
HS
X
X
X
I/O
PC7/
SPI_MISO
[TIM1_ CH2]
14
17
SWIM data
interface
Port
D1
X
X
O4
HS
X
X
X
I/O
PD1/
SWIM
(4)
15
18
Timer 2 -
channel 3
[AFR1]
Analog
input 3
Port
D2
X
X
O3
HS
X
X
X
I/O
PD2/AIN3/[TIM2_
CH3]
16
19
Analog
input 4/
Port
D3
X
X
O3
HS
X
X
X
I/O
PD3/ AIN4/
TIM2_ CH2/
ADC_ ETR
17
20
Timer 2 -
channel
2/ADC
external
trigger
(1)
I/O pins used simultaneously for high current source/sink must be uniformly spaced around the package. In addition, the total
driven current must respect the absolute maximum ratings.
(2)
When the MCU is in halt/active-halt mode, PA1 is automatically configured in input weak pull-up and cannot be used for waking
up the device. In this mode, the output state of PA1 is not driven. It is recommended to use PA1 only in input mode if halt/active-halt
is used in the application.
(3)
In the open-drain output column, "T" defines a true open-drain I/O (P-buffer, weak pull-up, and protection diode to VDD are
not implemented).
(4)
The PD1 pin is in input pull-up during the reset phase and after internal reset release.
Alternate function remapping
5.3
As shown in the rightmost column of the pin description table, some alternate functions can
be remapped at different I/O ports by programming one of eight AFR (alternate function
remap) option bits. When the remapping option is active, the default alternate function is no
longer available.
To use an alternate function, the corresponding peripheral must be enabled in the peripheral
registers.
Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the GPIO
section of the family reference manual, RM0016).
DocID018576 Rev 3
24/100
STM8S003K3 STM8S003F3
Pinout and pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com