Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3U6C Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8S003K3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8S003K3U6C Datasheet HTML 7Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 8Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 9Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 10Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 11Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 12Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 13Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 14Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
SWIM
Single wire interface module for direct access to the debug module and memory programming.
The interface can be activated in all device operation modes. The maximum data transmission
speed is 145 bytes/ms.
Debug module
The non-intrusive debugging module features a performance close to a full-featured emulator.
Beside memory and peripherals, also CPU operation can be monitored in real-time by means
of shadow registers.
• R/W to RAM and peripheral registers in real-time
• R/W access to all resources by stalling the CPU
• Breakpoints on all program-memory instructions (software breakpoints)
• Two advanced breakpoints, 23 predefined configurations
Interrupt controller
4.3
• Nested interrupts with three software priority levels
• 32 interrupt vectors with hardware priority
• Up to 27 external interrupts on 6 vectors including TLI
• Trap and reset interrupts
Flash program memory and data EEPROM
4.4
• 8 Kbytes of Flash program single voltage Flash memory
• 128 bytes of true data EEPROM
• User option byte area
Write protection (WP)
Write protection of Flash program memory and data EEPROM is provided to avoid unintentional
overwriting of memory that could result from a user software malfunction.
There are two levels of write protection. The first level is known as MASS (memory access
security system). MASS is always enabled and protects the main Flash program memory,
the data EEPROM, and the option bytes.
To perform in-application programming (IAP), this write protection can be removed by writing
a MASS key sequence in a control register. This allows the application to modify the content
of the main program memory and data EEPROM, or to reprogram the device option bytes.
A second level of write protection, can be enabled to further protect a specific area of memory
known as UBC (user boot code). Refer to the figure below.
The size of the UBC is programmable through the UBC option byte, in increments of 1 page
(64-byte block) by programming the UBC option byte in ICP mode.
This divides the program memory into two areas:
• Main program memory: 8 Kbytes minus UBC
• User-specific boot code (UBC): Configurable up to 8 Kbytes
The UBC area remains write-protected during in-application programming. This means that
the MASS keys do not unlock the UBC area. It protects the memory used to store the boot
11/100
DocID018576 Rev 3
Product overview
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com