Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3U6C Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM8S003K3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM8S003K3U6C Datasheet HTML 32Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 33Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 34Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 35Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 36Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 37Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 38Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 39Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
Reset
status
Register name
Register label
Block
Address
0x03
ADC high threshold register high
ADC_HTRH
0x00 5408
0xFF
ADC high threshold register low
ADC_HTRL
0x00 5409
0x00
ADC low threshold register high
ADC_LTRH
0x00 540A
0x00
ADC low threshold register low
ADC_LTRL
0x00 540B
0x00
ADC analog watchdog status register
high
ADC_AWSRH
0x00 540C
0x00
ADC analog watchdog status register low
ADC_AWSRL
0x00 540D
0x00
ADC analog watchdog control register
high
ADC _AWCRH
0x00 540E
0x00
ADC analog watchdog control register
low
ADC_AWCRL
0x00 540F
Reserved area (1008 bytes)
0x00 5410 to
0x00 57FF
(1)Depends on the previous reset source.
(2)Write only register.
CPU/SWIM/debug module/interrupt controller registers
6.2.3
Table 9: CPU/SWIM/debug module/interrupt controller registers
Reset status
Register name
Register label
Block
Address
0x00
Accumulator
A
CPU
(1)
0x00 7F00
0x00
Program counter extended
PCE
0x00 7F01
0x00
Program counter high
PCH
0x00 7F02
0x00
Program counter low
PCL
0x00 7F03
0x00
X index register high
XH
0x00 7F04
0x00
X index register low
XL
0x00 7F05
DocID018576 Rev 3
36/100
STM8S003K3 STM8S003F3
Memory and register map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com