Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3U6C Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM8S003K3U6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6C Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM8S003K3U6C Datasheet HTML 83Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 84Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 85Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 86Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 87Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 88Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 89Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 90Page - STMicroelectronics STM8S003K3U6C Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
Unit
Conditions
Parameter
Symbol
Max fHSE/fCPU
(1)
Monitored
frequency band
General
conditions
16 MHz/
16 MHz
16 MHz/
8 MHz
Conforming to
SAE IEC
61967-2
130 MHz
5
5
130 MHz to
1 GHz
2.5
2.5
SAE EMI level
SAE EMI
level
(1) Data based on characterisation results, not tested in production.
Absolute maximum ratings (electrical sensitivity)
9.3.11.4
Based on three different tests (ESD, DLU and LU) using specific measurement methods, the
product is stressed to determine its performance in terms of electrical sensitivity. For more
details, refer to the application note AN1181.
Electrostatic discharge (ESD)
9.3.11.5
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are applied
to the pins of each sample according to each pin combination. The sample size depends on
the number of supply pins in the device (3 parts*(n+1) supply pin). One model can be simulated:
Human body model. This test conforms to the JESD22-A114A/A115A standard. For more
details, refer to the application note AN1181.
Table 49: ESD absolute maximum ratings
Unit
Maximum
value
(1)
Class
Conditions
Ratings
Symbol
V
4000
A
TA = 25°C, conforming to
Electrostatic discharge
VESD(HBM)
JESD22-A114
voltage
(Human body model)
1000
IV
TA LQFP32 package =
Electrostatic discharge
VESD(CDM)
25°C, conforming to
voltage
SD22-C101
(Charge device model)
87/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com