Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
ADAU1961
Data Sheet
Rev. A | Page 38 of 76
I2C Read and Write Operations
Figure 50 shows the format of a single-word write operation.
Every ninth clock pulse, the ADAU1961 issues an acknowledge
by pulling SDA low.
Figure 51 shows the format of a burst mode write sequence. This
figure shows an example of a write to sequential single-byte
registers. The ADAU1961 increments its subaddress register
after every byte because the requested subaddress corresponds
to a register or memory area with a 1-byte word length.
Figure 52 shows the format of a single-word read operation. Note
that the first R/W bit is 0, indicating a write operation. This is
because the subaddress still needs to be written to set up the
internal address. After the ADAU1961 acknowledges the receipt
of the subaddress, the master must issue a repeated start command
followed by the chip address byte with the R/W bit set to 1 (read).
This causes the ADAU1961 SDA to reverse and begin driving
data back to the master. The master then responds every ninth
pulse with an acknowledge pulse to the ADAU1961.
Figure 53 shows the format of a burst mode read sequence. This
figure shows an example of a read from sequential single-byte
registers. The ADAU1961 increments its subaddress register
after every byte because the requested subaddress corresponds
to a register or memory area with a 1-byte word length. The
ADAU1961 always decodes the subaddress and sets the auto-
increment circuit so that the address increments after the
appropriate number of bytes.
Figure 50 to Figure 53 use the following abbreviations:
S = start bit
P = stop bit
AM = acknowledge by master
AS = acknowledge by slave
S
Chip address,
R/W = 0
AS
Subaddress high byte
AS
Subaddress low byte
AS
Data Byte 1
P
Figure 50. Single-Word I2C Write Format
S
Chip address,
R/W = 0
AS
Subaddress
high byte
AS
Subaddress
low byte
AS
Data
Byte 1
AS
Data
Byte 2
AS
Data
Byte 3
AS
Data
Byte 4
AS
…
P
Figure 51. Burst Mode I2C Write Format
S
Chip address,
R/W = 0
AS
Subaddress high
byte
AS
Subaddress low
byte
AS
S
Chip address,
R/W = 1
AS
Data
Byte 1
P
Figure 52. Single-Word I2C Read Format
S
Chip address,
R/W = 0
AS
Subaddress
high byte
AS
Subaddress
low byte
AS
S
Chip address,
R/W = 1
AS
Data
Byte 1
AM
Data
Byte 2
AM
…
P
Figure 53. Burst Mode I2C Read Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com