Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
ADAU1961
Data Sheet
Rev. A | Page 12 of 76
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Power Supply (AVDD)
−0.3 V to +3.65 V
Input Current (Except Supply Pins)
±20 mA
Analog Input Voltage (Signal Pins)
−0.3 V to AVDD + 0.3 V
Digital Input Voltage (Signal Pins)
−0.3 V to IOVDD + 0.3 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
125°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA represents thermal resistance, junction-to-ambient; θJC repre-
sents thermal resistance, junction-to-case. All characteristics are
for a 4-layer board.
Table 8. Thermal Resistance
Package Type
θJA
θJC
Unit
32-Lead LFCSP
50.1
17
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com