Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
Data Sheet
ADAU1961
Rev. A | Page 7 of 76
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Interchannel Gain Mismatch
−0.3
+0.3
dB
Offset Error
−22
+22
mV
Gain Error
−10
+10
%
DAC TO HEADPHONE/EARPIECE
OUTPUT
LOUTx, ROUTx, LHP, RHP in headphone
output mode; PO = output power per
channel
Total Harmonic Distortion + Noise
Capless Headphone Mode
−2 dBFS, 16 Ω load
−61
dB
−2 dBFS, 32 Ω load
−63
dB
Headphone Output Mode
0 dBFS, 10 kΩ load
−76
dB
REFERENCE
Common-Mode Reference Output
CM pin
1.47
1.83
V
POWER SUPPLY SPECIFICATIONS
Master clock = 12.288 MHz, input sample rate = 48 kHz, input tone = 1 kHz, ADC input @ −1 dBFS, DAC input @ 0 dBFS,
−40°C < TA < +105°C, IOVDD = 3.3 V ± 10%. For total power consumption, add the IOVDD current listed in Table 3.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLIES
Voltage
DVDDOUT
1.56
V
AVDD
2.97
3.3
3.65
V
IOVDD
2.97
3.3
3.65
V
Digital I/O Current (IOVDD)
20 pF capacitive load on all digital pins
Slave Mode
fS = 48 kHz
0.48
mA
fS = 96 kHz
0.9
mA
fS = 8 kHz
0.13
mA
Master Mode
fS = 48 kHz
1.51
mA
fS = 96 kHz
3
mA
fS = 8 kHz
0.27
mA
Analog Current (AVDD)
Record Stereo Differential to ADC
PLL bypass
5.24
mA
Integer PLL
6.57
mA
DAC Stereo Playback to Line Output
10 kΩ load
PLL bypass
5.55
mA
Integer PLL
6.90
mA
DAC Stereo Playback to Headphone
32 Ω load
PLL bypass
30.9
mA
Integer PLL
32.25
mA
DAC Stereo Playback to Capless Headphone
32 Ω load
PLL bypass
56.75
mA
Integer PLL
58
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com