Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
Data Sheet
ADAU1961
Rev. A | Page 15 of 76
TYPICAL PERFORMANCE CHARACTERISTICS
28
0
2
4
6
8
10
12
14
16
18
20
22
24
26
–60
0
–10
–20
–30
–40
–50
DIGITAL 1kHz INPUT SIGNAL (dBFS)
Figure 8. Headphone Amplifier Power vs. Input Level, 16 Ω Load
18
0
2
4
6
8
10
12
14
16
–60
0
–10
–20
–30
–40
–50
DIGITAL 1kHz INPUT SIGNAL (dBFS)
Figure 9. Headphone Amplifier Power vs. Input Level, 32 Ω Load
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
FREQUENCY (NORMALIZED TO
fS)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Figure 10. ADC Decimation Filter, 64× Oversampling, Normalized to fS
–30
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–60
0
–10
–20
–30
–40
–50
DIGITAL 1kHz INPUT SIGNAL (dBFS)
Figure 11. Headphone Amplifier THD + N vs. Input Level, 16 Ω Load
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–60
0
–10
–20
–30
–40
–50
DIGITAL 1kHz INPUT SIGNAL (dBFS)
Figure 12. Headphone Amplifier THD + N vs. Input Level, 32 Ω Load
0
0.05
0.10
0.20
0.30
0.40
0.15
0.25
0.35
−0.06
−0.04
−0.02
0
0.02
0.04
FREQUENCY (NORMALIZED TO
fS)
Figure 13. ADC Decimation Filter Pass-Band Ripple, 64× Oversampling,
Normalized to fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com