Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADAU1961WBCPZ-R7 Datasheet HTML 1Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
Stereo, Low Power, 96 kHz, 24-Bit
Audio Codec with Integrated PLL
Data Sheet
ADAU1961
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
24-bit stereo audio ADC and DAC: >98 dB SNR
Sampling rates from 8 kHz to 96 kHz
Low power: 17 mW record, 18 mW playback, 48 kHz
6 analog input pins, configurable for single-ended or
differential inputs
Flexible analog input/output mixers
Stereo digital microphone input
Analog outputs: 2 differential stereo, 2 single-ended stereo,
1 mono headphone output driver
PLL supporting input clocks from 8 MHz to 27 MHz
Analog automatic level control (ALC)
Microphone bias reference voltage
Analog and digital I/O: 3.3 V
I2C and SPI control interfaces
Digital audio serial data I/O: stereo and time-division
multiplexing (TDM) modes
Software-controllable clickless mute
32-lead, 5 mm × 5 mm LFCSP
−40°C to +105°C operating temperature range
Qualified for automotive applications
APPLICATIONS
Automotive head units
Automotive amplifiers
Navigation systems
Rear-seat entertainment systems
GENERAL DESCRIPTION
The ADAU1961 is a low power, stereo audio codec that supports
stereo 48 kHz record and playback at 35 mW from a 3.3 V analog
supply. The stereo audio ADCs and DACs support sample rates
from 8 kHz to 96 kHz as well as a digital volume control.
The record path includes an integrated microphone bias circuit
and six inputs. The inputs can be mixed and muxed before the
ADC, or they can be configured to bypass the ADC. The
ADAU1961 includes a stereo digital microphone input.
The ADAU1961 includes five high power output drivers (two
differential and three single-ended), supporting stereo head-
phones, an earpiece, or other output transducer. AC-coupled
or capless configurations are supported. Individual fine level
controls are supported on all analog outputs. The output mixer
stage allows for flexible routing of audio.
The serial control bus supports the I2C and SPI protocols. The
serial audio bus is programmable for I2S, left-/right-justified,
and TDM modes. A programmable PLL supports flexible clock
generation for all standard integer rates and fractional master
clocks from 8 MHz to 27 MHz.
FUNCTIONAL BLOCK DIAGRAM
HP JACK
DETECTION
REGULATOR
INPUT
MIXERS
ALC
MICROPHONE
BIAS
PLL
LINN
LINP
LAUX
JACKDET/MICIN
RINP
RINN
RAUX
MICBIAS
LHP
LOUTN
LOUTP
ADAU1961
RHP
MONOOUT
ROUTP
ROUTN
OUTPUT
MIXERS
DAC
DIGITAL
FILTERS
ADC
DIGITAL
FILTERS
DAC
DAC
ADC
ADC
SDA/
COUT
I2C/SPI
CONTROL PORT
SERIAL DATA
INPUT/OUTPUT PORTS
MCLK ADC_SDATA
SCL/
CCLK
ADDR1/
CDATA
ADDR0/
CLATCH
DAC_SDATA
Figure 1.


Similar Part No. - ADAU1961WBCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1961WBCPZ-R7 AD-ADAU1961WBCPZ-R7 Datasheet
929Kb / 77P
Audio Codec with Integrated PLL
Rev. A
ADAU1961WBCPZ-R7 AD-ADAU1961WBCPZ-R7 Datasheet
1Mb / 73P
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. B
More results

Similar Description - ADAU1961WBCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
logo
Analog Devices
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Analog Devices
ADAU1761 AD-ADAU1761_17 Datasheet
882Kb / 93P
24-Bit Audio Codec with Integrated PLL
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com