Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 73 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
Data Sheet
ADAU1961
Rev. A | Page 73 of 76
Binary Value
Volume Attenuation (dB)
11000010
−72.75
11000011
−73.125
11000100
−73.5
11000101
−73.875
11000110
−74.25
11000111
−74.625
11001000
−75
11001001
−75.375
11001010
−75.75
11001011
−76.125
11001100
−76.5
11001101
−76.875
11001110
−77.25
11001111
−77.625
11010000
−78
11010001
−78.375
11010010
−78.75
11010011
−79.125
11010100
−79.5
11010101
−79.875
11010110
−80.25
11010111
−80.625
11011000
−81
11011001
−81.375
11011010
−81.75
11011011
−82.125
11011100
−82.5
11011101
−82.875
11011110
−83.25
11011111
−83.625
11100000
−84
11100001
−84.375
11100010
−84.75
11100011
−85.125
11100100
−85.5
11100101
−85.875
11100110
−86.25
11100111
−86.625
11101000
−87
11101001
−87.375
11101010
−87.75
11101011
−88.125
11101100
−88.5
11101101
−88.875
11101110
−89.25
11101111
−89.625
11110000
−90
11110001
−90.375
11110010
−90.75
Binary Value
Volume Attenuation (dB)
11110011
−91.125
11110100
−91.5
11110101
−91.875
11110110
−92.25
11110111
−92.625
11111000
−93
11111001
−93.375
11111010
−93.75
11111011
−94.125
11111100
−94.5
11111101
−94.875
11111110
−95.25
11111111
−95.625
Table 72. R29 through R33 Volume Settings
Binary Value
Volume Setting (dB)
000000
−57
000001
−56
000010
−55
000011
−54
000100
−53
000101
−52
000110
−51
000111
−50
001000
−49
001001
−48
001010
−47
001011
−46
001100
−45
001101
−44
001110
−43
001111
−42
010000
−41
010001
−40
010010
−39
010011
−38
010100
−37
010101
−36
010110
−35
010111
−34
011000
−33
011001
−32
011010
−31
011011
−30
011100
−29
011101
−28
011110
−27
011111
−26
100000
−25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com