Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
ADAU1961
Data Sheet
Rev. A | Page 8 of 76
DIGITAL FILTERS
Table 4.
Parameter
Mode
Factor
Min
Typ
Max
Unit
ADC DECIMATION FILTER
All modes, typ @ 48 kHz
Pass Band
0.4375 fS
21
kHz
Pass-Band Ripple
±0.015
dB
Transition Band
0.5 fS
24
kHz
Stop Band
0.5625 fS
27
kHz
Stop-Band Attenuation
67
dB
Group Delay
22.9844/fS
479
µs
DAC INTERPOLATION FILTER
Pass Band
48 kHz mode, typ @ 48 kHz
0.4535 fS
22
kHz
96 kHz mode, typ @ 96 kHz
0.3646 fS
35
kHz
Pass-Band Ripple
48 kHz mode, typ @ 48 kHz
±0.01
dB
96 kHz mode, typ @ 96 kHz
±0.05
dB
Transition Band
48 kHz mode, typ @ 48 kHz
0.5 fS
24
kHz
96 kHz mode, typ @ 96 kHz
0.5 fS
48
kHz
Stop Band
48 kHz mode, typ @ 48 kHz
0.5465 fS
26
kHz
96 kHz mode, typ @ 96 kHz
0.6354 fS
61
kHz
Stop-Band Attenuation
48 kHz mode, typ @ 48 kHz
69
dB
96 kHz mode, typ @ 96 kHz
68
dB
Group Delay
48 kHz mode, typ @ 48 kHz
25/fS
521
µs
96 kHz mode, typ @ 96 kHz
11/fS
115
µs
DIGITAL INPUT/OUTPUT SPECIFICATIONS
−40°C < TA < +105°C, IOVDD = 3.3 V ± 10%.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage High (VIH)
0.7 × IOVDD
V
Input Voltage Low (VIL)
0.3 × IOVDD
V
Input Leakage
Pull-Ups/Pull-Downs Disabled
IIH @ VIH = 3.3 V
−0.17
+0.17
µA
IIL @ VIL = 0 V
−0.17
+0.17
µA
IIL @ VIL = 0 V (MCLK pin)
−13.5
−0.5
µA
Pull-Ups Enabled
IIH @ VIH = 3.3 V
−0.7
+0.7
µA
IIL @ VIL = 0 V
−13.5
−0.5
µA
Pull-Downs Enabled
IIH @ VIH = 3.3 V
2.7
8.3
µA
IIL @ VIL = 0 V
−0.18
+0.18
µA
Input Capacitance
5
pF
OUTPUT SPECIFICATIONS
Output Voltage High (VOH)
IOH = 2 mA @ 3.3 V
0.8 × IOVDD
V
Output Voltage Low (VOL)
IOL = 2 mA @ 3.3 V
0.1 × IOVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com