Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
ADAU1961
Data Sheet
Rev. A | Page 6 of 76
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PSEUDO-DIFFERENTIAL PGA INPUT
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
94
dB
No Filter (RMS)
91
dB
Total Harmonic Distortion + Noise
−1 dBFS
−75
dB
PGA Boost Gain Error
20 dB gain setting (RDBOOST[1:0],
LDBOOST[1:0] = 10)
−11
−7
dB
Mute Attenuation
PGA muted
LDMUTE, RDMUTE = 0
−73
dB
RDBOOST[1:0], LDBOOST[1:0] = 00
−82
dB
Interchannel Gain Mismatch
−0.6
+0.6
dB
Offset Error
−6
+6
mV
Gain Error
−24
−3
%
Common-Mode Rejection Ratio
100 mV rms, 1 kHz
−64
−38
dB
100 mV rms, 20 kHz
−53
−43
dB
FULL DIFFERENTIAL PGA INPUT
Differential PGA inputs
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
89
dB
No Filter (RMS)
86
dB
Total Harmonic Distortion + Noise
−1 dBFS
−70
dB
PGA Boost Gain Error
20 dB gain setting (RDBOOST[1:0],
LDBOOST[1:0] = 10)
−11
−7
dB
Mute Attenuation
PGA muted
LDMUTE, RDMUTE = 0
−73
dB
RDBOOST[1:0], LDBOOST[1:0] = 00
−82
dB
Interchannel Gain Mismatch
−0.4
+0.4
dB
Offset Error
−6
+6
mV
Gain Error
−21
−7
%
Common-Mode Rejection Ratio
100 mV rms, 1 kHz
−64
−38
dB
100 mV rms, 20 kHz
−53
−43
dB
MICROPHONE BIAS
MBIEN = 1
Bias Voltage
0.65 × AVDD
MBI = 1, MPERF = 0
1.85
2.45
V
MBI = 1, MPERF = 1
1.87
2.45
V
0.90 × AVDD
MBI = 0, MPERF = 0
2.65
3.40
V
MBI = 0, MPERF = 1
2.65
3.40
V
Noise in the Signal Bandwidth
1 kHz to 20 kHz
11
36
nV/√Hz
DAC TO LINE OUTPUT
Dynamic Range
20 Hz to 20 kHz, −60 dB input, line
output mode
With A-Weighted Filter (RMS)
85
dB
No Filter (RMS)
78
dB
Total Harmonic Distortion + Noise
0 dBFS, 10 kΩ load
Line Output Mode
−76
dB
Headphone Output Mode
−78
dB
Mute Attenuation
Mixer 3 and Mixer 4 Muted
MX3RM, MX3LM, MX4RM, MX4LM = 0,
MX3AUXG[3:0], MX4AUXG[3:0] = 0000,
MX3G1[3:0], MX3G2[3:0] = 0000,
MX4G1[3:0], MX4G2[3:0] = 0000
−77
dB
Mixer 5, Mixer 6, and Mixer 7 Muted
MX5G3[1:0], MX5G4[1:0], MX6G3[1:0],
MX6G4[1:0], MX7[1:0] = 00
−77
dB
All Volume Controls Muted
LOUTM, ROUTM = 0
−74
dB
MONOM, LHPM, RHPM = 0
−69
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com