Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315CVRADDA Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8315CVRADDA
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315CVRADDA Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8315CVRADDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
62
Freescale Semiconductor
PCI Express
De-Emphasized
differential output voltage
(ratio)
VTX-DE-RATIO
Ratio of the VTX-DIFFp-p of the second and
following bits after a transition divided by
the VTX-DIFFp-p of the first bit after a
transition.
–3.0
–3.5
-4.0
dB
2
Minimum TX eye width
TTX-EYE
The maximum Transmitter jitter can be
derived as TTX-MAX-JITTER = 1 - UTX-EYE=
0.3 UI.
0.70
—
—
UI
2, 3
Maximum time between
the jitter median and
maximum deviation from
the median
TTX-EYE-MEDIAN-to-
MAX-JITTER
Jitter is defined as the measurement
variation of the crossing points
(VTX-DIFFp-p = 0 V) in relation to a
recovered TX UI. A recovered TX UI is
calculated over 3500 consecutive unit
intervals of sample data. Jitter is
measured using all edges of the 250
consecutive UI in the center of the 3500 UI
used for calculating the TX UI.
—
—
0.15
UI
2, 3
D+/D- TX output rise/fall
time
TTX-RISE, TTX-FALL
—0.125
—
—
UI
2, 5
RMS AC peak common
mode output voltage
VTX-CM-ACp
VTX-CM-ACp = RMS(|VTXD+ + VTXD-|/2 -
VTX-CM-DC)
VTX-CM-DC = DC(avg) of |VTX-D+ + VTX-D-|/2
——
20
mV
2
Absolute delta of DC
common mode voltage
during L0 and electrical
idle
VTX-CM-DC- ACTIVE-
IDLE-DELTA
|VTX-CM-DC (during L0) - VTX-CM-Idle-DC
(During Electrical Idle)|<=100 mV
VTX-CM-DC = DC(avg) of |VTX-D+ + VTX-D-|/2
[L0]
VTX-CM-Idle-DC = DC(avg) of |VTX-D+ +
VTX-D-|/2 [Electrical Idle]
0
—
100
mV
2
Absolute delta of DC
common mode between
D+ and D–
VTX-CM-DC-LINE-DELTA |VTX-CM-DC-D+ - VTX-CM-DC-D-| <= 25 mV
VTX-CM-DC-D+ = DC(avg) of |VTX-D+|
VTX-CM-DC-D- = DC(avg) of |VTX-D-|
0—
25
mV
2
Electrical idle differential
peak output voltage
VTX-IDLE-DIFFp
VTX-IDLE-DIFFp = |VTX-IDLE-D+ -VTX-IDLE-D-|
<= 20 mV
0—
20
mV
2
Amount of voltage change
allowed during receiver
detection
VTX-RCV-DETECT
The total amount of voltage change that a
transmitter can apply to sense whether a
low impedance Receiver is present.
—
—
600
mV
6
TX DC common mode
voltage
VTX-DC-CM
The allowed DC Common Mode voltage
under any conditions.
——
3.6
V
6
TX short circuit current
limit
ITX-SHORT
The total current the Transmitter can
provide when shorted to its ground
——
90
mA
—
Minimum time spent in
electrical idle
TTX-IDLE-MIN
Minimum time a Transmitter must be in
Electrical Idle Utilized by the Receiver to
start looking for an Electrical Idle Exit after
successfully receiving an Electrical Idle
ordered set
50
—
—
UI
—
Table 54. Differential Transmitter (TX) Output Specifications (continued)
Parameter
Symbol
Comments
Min
Typical
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com