Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315CVRADDA Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8315CVRADDA
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315CVRADDA Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8315CVRADDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
83
Package and Pin Listings
QUIESCE
B5
O
NVDD1_ON
—
System Control
HRESET
B6
I/O
NVDD1_ON
1
PORESET
A6
I
NVDD1_ON
—
Clocks
SYS_XTAL_IN
L27
I
NVDD2_ON
—
SYS_XTAL_OUT
J28
O
NVDD2_ON
—
SYS_CLK_IN
K28
I
NVDD2_ON
—
USB_XTAL_IN
A15
I
NVDD2_OFF
—
USB_XTAL_OUT
B14
O
NVDD2_OFF
—
USB_CLK_IN
B15
I
NVDD2_OFF
—
PCI_SYNC_OUT
J27
O
NVDD2_ON
3
RTC_CLK
K26
I
NVDD2_ON
—
PCI_SYNC_IN
K27
I
NVDD2_ON
—
MISC
AVDD1
AC15
I
—
—
AVDD2
M23
I
—
—
THERM0
L25
I
NVDD2_ON
7
DMA_DACK0/GPIO_13
AC4
I/O
NVDD1_OFF
—
DMA_DREQ0/GPIO_12
AD1
I/O
NVDD1_OFF
—
DMA_DONE0/GPIO_14
AD2
I/O
NVDD1_OFF
—
NC, No Connect
A2
—
—
—
NC, No Connect
U25
—
—
—
PCI
PCI_INTA
B18
O
NVDD2_OFF
—
PCI_RESET_OUT
A20
O
NVDD2_OFF
—
PCI_AD[0]
J25
I/O
NVDD2_OFF
—
PCI_AD[1]
J24
I/O
NVDD2_OFF
—
PCI_AD[2]
K24
I/O
NVDD2_OFF
—
PCI_AD[3]
H27
I/O
NVDD2_OFF
—
PCI_AD[4]
H28
I/O
NVDD2_OFF
—
PCI_AD[5]
H26
I/O
NVDD2_OFF
—
PCI_AD[6]
G27
I/O
NVDD2_OFF
—
PCI_AD[7]
G28
I/O
NVDD2_OFF
—
PCI_AD[8]
F26
I/O
NVDD2_OFF
—
Table 70. MPC8315E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com