Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315CVRADDA Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8315CVRADDA
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315CVRADDA Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8315CVRADDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
2
Freescale Semiconductor
Overview
1
Overview
The MPC8315E incorporates the e300c3 (MPC603e-based) core, which includes 16 Kbytes of L1
instruction and data caches, on-chip memory management units (MMUs), and floating-point support. In
addition to the e300 core, the SoC platform includes features such as dual enhanced three-speed 10, 100,
1000 Mbps Ethernet controllers (eTSECs) with SGMII support, a 32- or 16-bit DDR1/DDR2 SDRAM
memory controller, dual SATA 3 Gbps controllers (MPC8315E-specific), a security engine to accelerate
control and data plane security protocols, and a high degree of software compatibility with
previous-generation PowerQUICC processor-based designs for backward compatibility and easier
software migration. The MPC8315E also offers peripheral interfaces such as a 32-bit PCI interface with
up to 66 MHz operation, 16-bit enhanced local bus interface with up to 66 MHz operation, TDM interface,
and USB 2.0 with an on-chip USB 2.0 PHY.
The MPC8315E offers additional high-speed interconnect support with dual integrated SATA 3 Gbps
interfaces and dual single-lane PCI Express interfaces. When not used for PCI Express, the SerDes
interface may be configured to support SGMII. The MPC8315E security engine (SEC 3.3) allows
CPU-intensive cryptographic operations to be offloaded from the main CPU core. This figure shows a
block diagram of the MPC8315E.
Figure 1. MPC8315E Block Diagram
2
MPC8315E Features
The following features are supported in the MPC8315E.
2.1
e300 Core
The e300 core has the following features:
•
Operates at up to 400 MHz
eTSEC
RTBI, SGMII
DUART
Interrupt
I2C
Timers
GPIO
Enhanced
DDR1/DDR2
Controller
Controller
PCI
I/O
Sequencer
(IOS)
Security
Note: The MPC8315 do not include a security engine.
Local Bus,
USB 2.0 HS
Host/Device/OTG
ULPI
On-Chip
HS PHY
SPI
Engine 3.3
PCI
Express
x1
SATA
PHY
DMA
SATA
PHY
TDM
RGMII, (R)MII
eTSEC
RTBI, SGMII
RGMII, (R)MII
16-KB
D-Cache
16-KB
I-Cache
e300c3 Core with
Power Management
FPU
PCI
Express
x1
MPC8315E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com