Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315CVRADDA Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MPC8315CVRADDA
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315CVRADDA Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MPC8315CVRADDA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
95
Thermal
25 Thermal
This section describes the thermal specifications of the MPC8315E.
25.1
Thermal Characteristics
This table provides the package thermal characteristics for the 620 29
 29 mm TEPBGA II.
6
0010
0000101
66.67
133.33
333.33
7
0101
0000110
25
125
375
8
0100
0000110
33.33
133.33
400
9
0010
0000110
66.67
133.33
400
Table 78. Package Thermal Characteristics for TEPBGA II
Characteristic
Board type
Symbol
Value
Unit
Note
Junction to ambient natural convection
Single layer board (1s)
RJA
23
°C/W
1, 2
Junction to ambient natural convection
Four layer board (2s2p)
RJA
16
°C/W
1, 2, 3
Junction to ambient (@200 ft/min)
Single layer board (1s)
RJMA
18
°C/W
1, 3
Junction to ambient (@200 ft/min)
Four layer board (2s2p)
RJMA
13
°C/W
1, 3
Junction to board
—
RJB
8°C/W
4
Junction to case
—
RJC
6°C/W
5
Junction to package top
Natural convection
JT
6°C/W
6
Note:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
2. Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
3. Per JEDEC JESD51-6 with the board horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is
written as Psi-JT.
Table 77. Suggested PLL Configurations
Conf. No.
SPMF
Core\PLL
Input Clock Frequency (MHz) CSB Frequency (MHz) Core Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com