Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315CVRADDA Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8315CVRADDA
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315CVRADDA Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8315CVRADDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8315CVRADDA Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
14
Freescale Semiconductor
Power Characteristics
This figure shows the SATA power supplies.
Figure 5. SATA Power Supplies
4
Power Characteristics
This table shows the estimated typical power dissipation for this family of devices.
This table shows the estimated typical I/O power dissipation for this family of devices.
Table 4. MPC8315E Power Dissipation
(Does not include I/O power dissipation)
Core Frequency (MHz)
CSB Frequency (MHz)
Typical 1,3
Maximum 1,2
Unit
266
133
1.116
1.646
W
333
133
1.142
1.665
W
400
133
1.167
1.690
W
Note:
1. The values do not include I/O supply power, but do include core, AVDD, USB PLL, digital SerDes power, and
SATA PHY power.
2. Maximum power is based on a voltage of Vdd = 1.05V, a junction temperature of Tj = 105°C, and an artificial
smoker test.
3. Typical power is based on a voltage of Vdd = 1.05V, and an artificial smoker test running at room temperature.
Table 5. MPC8315E Power Dissipation
Interface
Frequency
GVDD
(1.8 V)
GVDD
(2.5 V)
NVDD
(3.3 V)
LVDD1_OFF/
LVDD2_ON
(3.3V)
LVDD2
_ON
(3.3V)
VDD33PLL,
VDD33ANA
(3.3V)
SATA_VDD,
VDD1IO,
VDD1ANA
(1.0V)
XCOREVDD,
XPADVDD,
SDAVDD
(1.0V)
Unit
DDR 1
Rs = 22
Rt = 50
266MHz,
32 bits
—0.323
W
200MHz,
32 bits
—0.291
W
VDD33_PLL &
VDD33_ANA
NVDD3_OFF
Voltage
Time
NVDD3_OFF
t Š 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com