Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH401100PN Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH401100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH401100PN Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH401100PN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
157
Low profile wire-wound common choke coil for power lines.
DLW5BTSeries (2020 Size)
DLW Series
Universal Type [Power Lines/Signal Lines] Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Derating of Rated Current
DLW5BTN101/251/501
Refer to pages from p.176 to p.179 for mounting information.
DLW5BT
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
700
K
330mm Reel Embossed Tape
2500
B
Bulk(Bag)
100
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage DC Resistance
DLW5BTN101SQ2p
100ohm(Typ.)
6000mA
50Vdc
10M ohm
125Vdc
0.009ohm
±40%
DLW5BTN251SQ2p
250ohm(Typ.)
5000mA
50Vdc
10M ohm
125Vdc
0.014ohm
±40%
DLW5BTN501SQ2p
500ohm(Typ.)
4000mA
50Vdc
10M ohm
125Vdc
0.019ohm
±40%
DLW5BTN102SQ2p
1000ohm(Typ.)
2000mA
50Vdc
10M ohm
125Vdc
0.024ohm
±40%
DLW5BTN142SQ2p
1400ohm(Typ.)
1500mA
50Vdc
10M ohm
125Vdc
0.040ohm
±40%
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 1
(L) 5.0
±0.3
3.6
±0.3
(W) 5.0
±0.3
0.5 min.
(2)
(1)
(4)
(3)
1.3
±0.3
0.9
±0.3
* The marking to
indicate the product
direction can be
applicable.
(Optional)
(in mm)
: Electrode
Polarity Marking
Frequency (MHz)
1
10
100
1000
10000
1
10
100
1000
Common mode
DLW5BTN101SQ2
DLW5BTN251SQ2
DLW5BTN501SQ2
DLW5BTN102SQ2
DLW5BTN142SQ2
DLW5BTN101SQ2
DLW5BTN251SQ2
DLW5BTN501SQ2
DLW5BTN102SQ2
DLW5BTN142SQ2 Differential mode
0
1000
2000
3000
4000
5000
6000
7000
0
20406080
100
Temperature (
°C)
65
4750
3400
85
(1)
(4)
(2)
(3)
No polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com